công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 61 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 61 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 57Page - NXP Semiconductors S32Z2 Datasheet HTML 58Page - NXP Semiconductors S32Z2 Datasheet HTML 59Page - NXP Semiconductors S32Z2 Datasheet HTML 60Page - NXP Semiconductors S32Z2 Datasheet HTML 61Page - NXP Semiconductors S32Z2 Datasheet HTML 62Page - NXP Semiconductors S32Z2 Datasheet HTML 63Page - NXP Semiconductors S32Z2 Datasheet HTML 64Page - NXP Semiconductors S32Z2 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 138 page
background image
14.1.6 SIRC
Table 23. SIRC
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSIRC
SIRC Target
Frequency Trimmed
—
32
—
KHz
Trimmed
—
PTA
SIRC Trimming
Resolution 1
-1
—
1
%
Trimmed 32KHz, 25C,
0.8V Core
—
ðfVAR
SIRC Frequency
Variation 2
-5
—
5
%
Frequency variation
across voltage and
temperature range
after trimming.
—
TSTART
SIRC Startup Time
—
—
50
us
—
—
1. PTA defines how close the output frequency is to target after the initial factory trim.
2. ðfVAR defines how much the output frequency can shift over the specified temperature and voltage ranges of the device.
14.1.7 LFAST PLL
Table 24. LFAST PLL
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fPLL_CLKIN
PLL Input Clock
Frequency (after
pre-divider)
10
—
26
MHz
—
—
DCREF
PLL Input Reference
Clock Duty Cycle
45
—
55
%
—
—
REF_PER_Jitter
Input Reference
Clock Period Jitter
-100
—
100
ps
—
—
TIE
Input Clock Time
Interval Error
—
—
500
ps
—
—
fLFAST_PLL_
VCO_CLK
PLL VCO Frequency
Range
624
—
840
MHz
624 MHz with fRF_
REF = 26MHz,
fLFAST_CLK=fLFAST_
PLL_VCO_CLK/2
—
fLFAST_CLK
PLL Output Clock
Frequency Range
312
—
420
MHz
—
—
tLOCK
PLL Lock Time 1
—
—
40
us
—
—
PER_jitter
PLL Period Jitter
(RMS) 2
—
—
40
ps
fRF_REF = 26MHz
—
RJ
PLL Long Term
Random Jitter 2
—
84
—
ps
VCO clock measured
over 100us acquisition
period with a transmit
load of 100ohm.
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
61 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com