công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 17 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 17 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 13Page - NXP Semiconductors S32Z2 Datasheet HTML 14Page - NXP Semiconductors S32Z2 Datasheet HTML 15Page - NXP Semiconductors S32Z2 Datasheet HTML 16Page - NXP Semiconductors S32Z2 Datasheet HTML 17Page - NXP Semiconductors S32Z2 Datasheet HTML 18Page - NXP Semiconductors S32Z2 Datasheet HTML 19Page - NXP Semiconductors S32Z2 Datasheet HTML 20Page - NXP Semiconductors S32Z2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 138 page
background image
10. For AC signals, allowed max VIN ≤ VDD_IO* for lifetime operation. If AC overshoot beyond VDD_IO* occurs, then refer
to the Abs Max duration constraints as a function of the amount of overshoot. For DC signals ≥ VDD_IO, VIN-VDD_IO* ≤
0.3V is allowed for lifetime operation.
11. The min DC VIN level for a powered device is -0.3V. If AC undershoot below -0.3V occurs, then refer to the Abs Max
duration constraints as a function of the amount of undershoot.
12. DC case limit. Overshoot/Undershoot beyond this range is allowed, but only for the limited durations as constrained by
temporal percentages of tSIGNAL.
13. LVDS max input voltage defined by the common-mode voltage VCM_LVDS_RX and the differential swing divided by two
(VDIFF_LVDS_RX/2).
14. The "voltage differential" refers to the difference between the lowest and highest voltages across all supplies within the
supply group as defined under Condition column.
15. Applies to multi-voltage supplies when operating in 1.8V range.
16. Applies only during power up while POR_B is asserted.
17. VREFH_ADCn allows a differential voltage of +/-100mV.
18. On slow ramps, the RESET_B pin may be observed to be asserted multiple times during the supply ramping. In order to
prevent these pulses from being propagated into the system, it is recommended that the PMIC drives RESET_B low during
supply ramp or whenever POR_B is asserted.
19. The maximum input voltage on an I/O pin tracks with the associated I/O supply maximum. For the injection current
condition on a pin, the voltage equals the supply plus the voltage drop across the internal ESD diode from I/O pin to
supply.
20. IINJ_D specifications are per pin for an unpowered condition of the associated supply. The maximum simultaneous
injection per supply is 30mA.
21. You must ensure that neither IINJ nor VIN specs are violated. Negligible DC injection currents are expected to flow during
normal powered operation.
22. The SAR ADC electrical specifications are not guaranteed during any period when the operating injection current limit is
violated. These specifications are at maximum Tj and VREFH_ADC=1.8V; the injected current will reduce with reduced Tj.
VDDA_ADC
ADC_VREFH
t1
Footnote:
If ADC Supply (1.8 V) & ADC Reference are powered by different sources/regulators & ADC Reference comes up
after ADC Supply as shown above, then the maximum number of power cycles allowed is:
No of allowed power cycles = (0.3*Life_Time)/(t1+t2)
Life_Time: Device life time in msec (12.000h)
t1: delay between ADC Reference & ADC Supply at power up in msec
t2: delay between ADC Reference & ADC Supply at power down in msec
t2
Figure 4. ADC supply sequencing
6 Thermal Design, Characteristics, and Ratings
Thermal design and characteristics:
• Junction temperature of the device does not solely depend on package thermal resistance but is also a function of chip power
dissipation, PCB attributes, environmental conditions (ambient temperature and air flow), and cumulative effects of other
heat-generating ICs on the PCB.
• The appropriate thermal design must be implemented on the package so that it can safely dissipate the necessary amount of
power needed for it to function properly. This design may involve adding a cooling solution on the package, creating thermal
enhancements on the PCB, and improving environmental conditions.
• NXP encourages customers to use the package model to perform design and risk assessment through simulations. The sales
team can provide package models in FloTHERM or Icepak formats under NDA.
Thermal ratings:
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
17 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com