công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 78 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 78 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 74Page - NXP Semiconductors S32Z2 Datasheet HTML 75Page - NXP Semiconductors S32Z2 Datasheet HTML 76Page - NXP Semiconductors S32Z2 Datasheet HTML 77Page - NXP Semiconductors S32Z2 Datasheet HTML 78Page - NXP Semiconductors S32Z2 Datasheet HTML 79Page - NXP Semiconductors S32Z2 Datasheet HTML 80Page - NXP Semiconductors S32Z2 Datasheet HTML 81Page - NXP Semiconductors S32Z2 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 138 page
background image
14.3.6.3 FlexRay - RxD
Table 33. FlexRay - RxD
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
C_CCRxD
Input capacitance on
RxD pin
—
—
8
pF
—
—
uCCLogic_1
Threshold for
detecting logic high
35
—
70
%
—
—
uCCLogic_0
Threshold for
detecting logic low
30
—
65
%
—
—
dCCRxD01
Sum of delay from
actual input to the D
input of the first FF,
rising edge 1
—
—
10
ns
—
—
dCCRxD10
Sum of delay from
actual input to the D
input of the first FF,
falling edge 1
—
—
10
ns
—
—
dCCRxAsymAccept
15
Acceptance of
asymmetry at
receiving CC with
15pF load 1
-31.5
—
44
ns
—
—
dCCRxAsymAccept
25
Acceptance of
asymmetry at
receiving CC with
25pF load 1
-30.5
—
43
ns
—
—
1. FlexRay RxD timing assumes an input signal slew rate of 2ns (20%/80%).
14.3.7 NETC
14.3.7.1 NETC MII
SRE[2:0]=100 is the required drive setting to meet the timing.
Table 34. NETC MII
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tCYC_RX
RX_CLK period
—
40 / 400
—
ns
10/100 Mbps
—
ΔtCYC_RX
RX_CLK duty cycle
(tPWH / tCYC)
35
—
65
%
—
—
tS
Input setup time to
RX_CLK 1
5
—
—
ns
10/100 Mbps
—
tH
Input hold time to
RX_CLK 1
5
—
—
ns
10/100 Mbps
—
tCYC_TX
TX_CLK period 2
—
40 / 400
—
ns
10/100 Mbps
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
78 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com