công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 98 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 98 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 94Page - NXP Semiconductors S32Z2 Datasheet HTML 95Page - NXP Semiconductors S32Z2 Datasheet HTML 96Page - NXP Semiconductors S32Z2 Datasheet HTML 97Page - NXP Semiconductors S32Z2 Datasheet HTML 98Page - NXP Semiconductors S32Z2 Datasheet HTML 99Page - NXP Semiconductors S32Z2 Datasheet HTML 100Page - NXP Semiconductors S32Z2 Datasheet HTML 101Page - NXP Semiconductors S32Z2 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 138 page
background image
2. The SDHC_CLK rise/fall time specification applies to the input clock transition required in order to meet the output delay
specifications. SDHC_CLK output transition time is dependent on output load and GPIO pad drive strength. See the GPIO
pad specifications for detail.
3. Board skew margin between CLK and DATA/CMD is considered as +/-50 ps in calculations
4. Input signal timing assumes an input signal slew rate of 1ns (20%/80%).
5. Spec numbers SD6 and SD7 are also applicable for the CMD input timing for HS400 mode in enhanced strobe mode. For
HS400 mode without enhanced strobe, CMD input timing is the same as for HS200 mode.
Output from
uSDHC to eMMC
SCK
Strobe
DAT0
DAT1
...
DAT7
DAT0
DAT1
...
DAT7
Input DATA from
eMMC to uSDHC
SD2
SD4
SD5
SD5
SD4
SD1
SD3
SD6
SD7
SD8
SD9
Input CMD from
eMMC to uSDHC
SD9
SD8
Figure 56. HS400 Mode Interface Timing
14.4.2.3 uSDHC SD3.0/SDIO3.0/eMMC5.1 SDR
The SRE[2:0]=101 is required drive setting to meet the timing.
Data transitions measured at 35%/65% supply for the write path. Data transitions measured at mid-supply for the read path. Clock
transitions measured at mid-supply.
Table 55. uSDHC SD3.0/SDIO3.0/eMMC5.1 SDR
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fpp
Clock frequency
(SD/SDIO
default speed /high
speed) 1,2
—
—
25/50
MHz
3.3V
SD1
fpp
Clock frequency
(eMMC legacy
SDR /high speed
SDR) 3,2
—
—
26/52
MHz
1.8V/3.3V
SD1
fpp
Clock frequency
(SD/SDIO SDR12/
SDR25) 1,2
—
—
25/50
MHz
1.8V
SD1
fOD
Clock frequency
(SD/SDIO
100
—
400
kHz
3.3V
SD1
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
98 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com