công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 57 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 57 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 53Page - NXP Semiconductors S32Z2 Datasheet HTML 54Page - NXP Semiconductors S32Z2 Datasheet HTML 55Page - NXP Semiconductors S32Z2 Datasheet HTML 56Page - NXP Semiconductors S32Z2 Datasheet HTML 57Page - NXP Semiconductors S32Z2 Datasheet HTML 58Page - NXP Semiconductors S32Z2 Datasheet HTML 59Page - NXP Semiconductors S32Z2 Datasheet HTML 60Page - NXP Semiconductors S32Z2 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 138 page
background image
Table 19. PLL...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fPLL_DDR_PHI0
DDR PLL PHI0
Frequency 8,5
400
—
400
MHz
DDR_PLL_PHI0_CLK
(1600 MT/s)
—
fPLL_DDR_PHI0
DDR PLL PHI0
Frequency 8,5
405
—
405
MHz
DDR_PLL_PHI0_CLK
(1600 MT/s), FLASH
only, not applicable for
DRAM.
—
tLOCK
PLL Lock Time
—
—
100
us
—
—
PER_jitter
PLL Period
Jitter 9,10,11,12
-23
—
23
ps
fPLL_CLKIN = 40MHz,
fVCO = 2GHz, 6-
sigma, SSCG & Frac
mode disabled
—
LT_jitter
PLL Long Term
Jitter 11,13,12
-120
—
120
ps
Saturated, 6-sigma
—
fPLL_MOD
Spread Spectrum
Clock Modulation
Frequency
30
—
64
KHz
—
—
1. This refers to spec number 1 which is shown in the figure in Aurora port specifications
2. This specification is PLL input reference clock frequency after pre-divider.
3. Duty cycle of the PLL clock when output on an external pin is given in the I/O pad specifications.
4. The frequencies are the nominal frequencies (i.e., what the PLL's VCO is configured to).
5. The max frequency in case of center-spread SSCG enabled for a modulation depth can be calculated as: Max
frequency(with center-spread SSCG disabled) – (Modulation Depth(in %)/(2*100))* Max frequency (with center-spread
SSCG disabled). For details, see section “Frequency modulation programming” in reference manual.
6. Same min frequency value applies for center-spread SSCG enabled as provided for center-spread SSCG disabled.
7. Part numbers with a 10th character other than E have a lower maximum frequency at TJ = 150 °C or 125 °C (13th
character = M or V). See the "Ordering information" section.
8. The DDR PHY internally multiplies the PLL_DDR_PHI0 by factor of two.
9. Jitter is dependent on the period of the PLL output clock, and the division ratio of the clock at the destination module.
10. For chip clocks that are further divided down from the PLL output clock, the jitter is multiplied by a factor of SQRT(N),
where N is the ratio of the PLL output clock and destination clock periods.
11. Jitter value does not apply when a PLL clock is output on an external pin. In this case, the rise and fall time variations in
the I/O pad are orders of magnitude more than the PLL and SoC mux jitter contributions.
12. Jitter is dependent on supply noise. Specified jitter values are valid for the FXOSC reference clock input only - not valid for
FIRC reference clock input.
13. This specification is valid when all clock sources are stable.
14.1.3 DFS
The following table specifies the output frequency ranges and characteristics of the Digital Frequency Synthesizer (DFS).
Table 20. DFS
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fDFS_CLKIN
DFS Input Clock
Frequency
1300
—
2400
MHz
—
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
57 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com