công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 35 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 35 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 31Page - NXP Semiconductors S32Z2 Datasheet HTML 32Page - NXP Semiconductors S32Z2 Datasheet HTML 33Page - NXP Semiconductors S32Z2 Datasheet HTML 34Page - NXP Semiconductors S32Z2 Datasheet HTML 35Page - NXP Semiconductors S32Z2 Datasheet HTML 36Page - NXP Semiconductors S32Z2 Datasheet HTML 37Page - NXP Semiconductors S32Z2 Datasheet HTML 38Page - NXP Semiconductors S32Z2 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 138 page
background image
Table 11. LVDS Pads...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TSTARTUP_
LVDS_RX
Receiver startup
time (receiver ready
after enabling)
—
—
1
us
Includes reference
startup time
—
CIN
Differential input
capacitance
—
3.5
6
pF
—
—
Pin_leakage(PAD_
P/PAD_N)_
DISABLED
Pin Leakage(pad_p/
pad_n) with Rx
disabled ( ipp_ibe_lv
= 0) 3
-5
—
5
uA
Ipp_ibe_lv=0
—
Pin_leakage(PAD_
P/PAD_N)_
ENABLED
Pin Leakage(pad_p/
pad_n) with Rx
enabled ( ipp_ibe_lv
= 1)
-5
—
100
uA
Ipp_ibe_lv=1
—
Ipin_leakage(PAD_
P/PAD_N)
Pin leakage
( pad_p,pad_n)
When Transmitter
disabled 4
-5
—
5
uA
Ipp_obe_lv=0
—
1. The LVDS input pin maximum voltage given in the operating conditions section of the datasheet must be obeyed when
setting the common-mode and differential swing voltages seen by the LVDS receiver.
2. The high gain configuration is selected by programming MSCR501[RXCB] for Zipwire_0 and MSCR503[RXCB] for
Zipwire_1 in SIUL2_1. High gain setting is used for 420Mbps operation and the low gain setting is used for up to 320Mbps
operation.
3. When measuring leakage, both pad_p and pad_n should be shorted together and driven to 1.8V supply or ground
4. For pin leakage drive both pad_p and pad_n to high or low together and measure pin current
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
35 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com