công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 40 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 40 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 36Page - NXP Semiconductors S32Z2 Datasheet HTML 37Page - NXP Semiconductors S32Z2 Datasheet HTML 38Page - NXP Semiconductors S32Z2 Datasheet HTML 39Page - NXP Semiconductors S32Z2 Datasheet HTML 40Page - NXP Semiconductors S32Z2 Datasheet HTML 41Page - NXP Semiconductors S32Z2 Datasheet HTML 42Page - NXP Semiconductors S32Z2 Datasheet HTML 43Page - NXP Semiconductors S32Z2 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 138 page
background image
Table 13. Aurora Pads...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
mode settling of
differential output)
TEYE_AURORA
Valid data region
( Including PLL Jitter
for Aurora ) 5
0.55
—
—
UI
max fAURORA
—
VOH_AURORA
Transmitter output
high indicator 6
VDD_IO/
2 + 0.2
—
—
V
100Ω termination at
receiver end
—
VOL_AURORA
Transmitter output
low indicator 6
—
—
VDD_IO/
2 - 0.2
V
100Ω termination at
receiver end
—
PAD_P_BIAS
Pad_p voltage
output level when Tx
disabled
—
—
0.6
V
Ipp_obe_lv=0 Ipp_
term_en_lv=0
—
PAD_N_BIAS
Pad_n voltage
output level when Tx
disabled
1.1
—
—
V
Ipp_obe_lv=0 Ipp_
term_en_lv=0
—
1. Differential output is with pre-emphasis disabled, and a 10mA output stage current.
2. Termination scheme as shown in the End Termination Circuit Figure. Direct end termination without AC coupling is not
allowed.
3. When operating at max speed, there will be losses and differential output will be smaller as against DC condition. Aurora
Interface Min differential swing is 400mV which is always guaranteed but the max limit is dependent on board design/
losses. For boards with negligible losses , if differential output (P-N) goes higher than 800mV (Aurora max differential
input spec) , user must use “dual termination” scheme as highlighted in the Source Termination Circuit Figure to get the
differential swing back within Range. The termination in the source side can be enabled through software in the transmitter
pad design. Direct end termination without AC coupling is not allowed.
4. Differential output is with pre-emphasis enabled, and a ~15mA avg output stage current
5. UI @ 5Gbps equals 200ps. The valid eye is expected to be > 110ps in width. ISI jitter spec is 20-30ps for the LVDS
transmitter across PVT in a delay matched differential transmission line impedance of 100Ω.
6. VDD_IO maps to corresponding supply name on the device.
Termination scheme as shown in “End Termination Circuit” applies to debug tool hardware and is not recommended to be placed
on the PC.
Source termination Circuit – Transmitter side 100 ohm termination is present inside the Tx pad and should not be placed on
the PCB.
Direct 100 ohm board termination not allowed between AUR_TXn_N and AUR_TXn_N (n=0,1,2,3). Source termination is only
allowed through the internal termination inside LVDS Tx pad.
LVDS
driver
50 Ω
50 Ω
100 Ω trace
(differential)
Vbias
0.1 µF
0.1 µF
Figure 12. End Termination Circuit
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
40 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com