công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 63 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 63 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 59Page - NXP Semiconductors S32Z2 Datasheet HTML 60Page - NXP Semiconductors S32Z2 Datasheet HTML 61Page - NXP Semiconductors S32Z2 Datasheet HTML 62Page - NXP Semiconductors S32Z2 Datasheet HTML 63Page - NXP Semiconductors S32Z2 Datasheet HTML 64Page - NXP Semiconductors S32Z2 Datasheet HTML 65Page - NXP Semiconductors S32Z2 Datasheet HTML 66Page - NXP Semiconductors S32Z2 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 138 page
background image
14.3.1.1 I3C timing when communicating with Legacy I2C devices
Table 26. I3C timing when communicating with Legacy I2C devices
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSCL
SCL clock frequency 0
—
0.4
MHz
400 kHz/FM
—
fSCL
SCL clock frequency 0
—
1
MHz
1 MHz/FM+
—
tSU_STA
Setup time for
repeated START
600
—
—
ns
400 kHz/FM
—
tSU_STA
Setup time for
repeated START
260
—
—
ns
1 MHz/FM+
—
tHD_STA
Hold time for
repeated START
600
—
—
ns
400 kHz/FM
—
tHD_STA
Hold time for
repeated START
260
—
—
ns
1 MHz/FM+
—
tLOW
SCL clock low period 1300
—
—
ns
400 kHz/FM
—
tLOW
SCL clock low period 500
—
—
ns
1 MHz/FM+
—
tDIG_L
SCL clock low period tLOW+tr
CL
—
—
ns
400 kHz/FM
—
tDIG_L
SCL clock low period tLOW+tr
CL
—
—
ns
1 MHz/FM+
—
tHIGH
SCL clock high
period
600
—
—
ns
400 kHz/FM
—
tHIGH
SCL clock high
period
260
—
—
ns
1 MHz/FM+
—
tDIG_H
SCL clock high
period
tHIGH+tr
CL
—
—
ns
400 kHz/FM
—
tDIG_H
SCL clock high
period
tHIGH+tr
CL
—
—
ns
1 MHz/FM+
—
tSU_DAT
Data setup time
100
—
—
ns
400 kHz/FM
—
tSU_DAT
Data setup time
50
—
—
ns
1 MHz/FM+
—
tHD_DAT
Data hold time
100
—
900
ns
400 kHz/FM
—
tHD_DAT
Data hold time
50
—
450
ns
1 MHz/FM+
—
trCL
SCL signal rise
time 1
—
—
300
ns
400 kHz/FM
—
trCL
SCL signal rise time —
—
120
ns
1 MHz/FM+
—
tfCL
SCL signal fall time 1 —
—
300
ns
400 kHz/FM
—
tfCL
SCL signal fall time 1 —
—
120
ns
1 MHz/FM+
—
trDA
SDA signal rise
time 1
—
—
300
ns
400 kHz/FM
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
63 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com