công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 41 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 41 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 37Page - NXP Semiconductors S32Z2 Datasheet HTML 38Page - NXP Semiconductors S32Z2 Datasheet HTML 39Page - NXP Semiconductors S32Z2 Datasheet HTML 40Page - NXP Semiconductors S32Z2 Datasheet HTML 41Page - NXP Semiconductors S32Z2 Datasheet HTML 42Page - NXP Semiconductors S32Z2 Datasheet HTML 43Page - NXP Semiconductors S32Z2 Datasheet HTML 44Page - NXP Semiconductors S32Z2 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 138 page
background image
LVDS
driver
CLKoutX
CLKoutX*
50 Ω
50 Ω
100 Ω trace
(differential)
Vbias
0.1 µF
0.1 µF
100 Ω
Figure 13. Source Termination Circuit
11.2 Aurora Port Timing
The following table gives the Aurora Port interface timing specifications for the device.
Table 14. Aurora Port Timing
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
BER
Bit Error Rate
—
—
10e-12
—
—
—
JD
Transmit line
deterministic jitter
—
—
0.17
OUI
data rate <=3.0 Gbps
—
JD
Transmit line
deterministic jitter
—
—
0.25
OUI
3.0Gbps < data rate <=
5.0Gbps
—
JT
Transmit line total
jitter
—
—
0.35
OUI
data rate <= 3.0 Gbps
2
JT
Transmit line total
jitter
—
—
0.45
OUI
3.0Gbps < data rate <=
5.0Gbps
2
SO
Differential output
skew
—
—
20
ps
—
3
SMO
Lane to lane output
skew
—
—
1000
ps
—
4
OUI
Aurora lane unit
interval 1,2
—
500
—
ps
2.0 Gbps
5
OUI
Aurora lane unit
interval 1,2
—
400
—
ps
2.5 Gbps
5
OUI
Aurora lane unit
interval 1,2
—
333
—
ps
3.0 Gbps
5
OUI
Aurora lane unit
interval 1,2
—
294
—
ps
3.4 Gbps
5
OUI
Aurora lane unit
interval 1,2
—
250
—
ps
4.0 Gbps
5
OUI
Aurora lane unit
interval 1,2
—
200
—
ps
5.0 Gbps
5
1. +/- 100 PPM.
2. The Aurora interface supports data rates of 2.0, 2.5, 3.0, 3.4, 4.0, and 5.0 Gbps.
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
41 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com