công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 19 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 19 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 15Page - NXP Semiconductors S32Z2 Datasheet HTML 16Page - NXP Semiconductors S32Z2 Datasheet HTML 17Page - NXP Semiconductors S32Z2 Datasheet HTML 18Page - NXP Semiconductors S32Z2 Datasheet HTML 19Page - NXP Semiconductors S32Z2 Datasheet HTML 20Page - NXP Semiconductors S32Z2 Datasheet HTML 21Page - NXP Semiconductors S32Z2 Datasheet HTML 22Page - NXP Semiconductors S32Z2 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 138 page
background image
Table 6. Device Power and Operating Current Specifications...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
access rate of 1 x 16-
bit, (75% read, 25%
write), 1 rank, DBI on,
1/2 data lines switching
per read/write cycle,
60 Ohm transmit
termination, does not
include termination
current.
PDYN_LLCE_TYP FlexLLCE core
supply typical
dynamic power 4
—
0.2
—
W
VDD=0.825V, 400MHz —
IDD_LV_PLL_AUR VDD_LV_PLL_AUR
operating current
—
<10
—
mA
fPLL_VCO = 5GHz
—
IDD_HV_PLL_AUR VDD_HV_PLL_AUR
operating current
—
5
—
mA
fPLL_VCO =
5GHz, VDD_HV_PLL_
AUR=1.8V
—
IDD_HV_PLL_DDR VDD_HV_PLL_DDR
0 operating current
(DDR reference PLL
only)
—
2
—
mA
fPLL_DDR_REF =
1600MHz, 1.8V
—
IDD_HV_
LFASTPLL
VDD_HV_LFASTPL
L operating current
—
15.0
—
mA
per PLL, fPLL_VCO
= 640MHz, VDD_HV_
LFASTPLL=1.8V
—
IDD_VREF_DYN
ADC reference
dynamic current
consumption
—
25
50
uA
VREFH_ADC = 1.92V,
Typ at 25C and Max at
150C, per ADC, 1Msps
conversion rate
—
IDD_VREF_LKG
ADC reference
leakage/ESD current
consumption
—
25
65
uA
VREFH_ADC = 1.92V,
Typ at 25C and Max at
150C, per ADC, 1Msps
conversion rate
—
IDD_FIRC
VDD_FIRC
operating current
—
<1
—
mA
FIRC trimmed
frequency (48MHz
typical)
—
IDD_ANA
VDD_ANA operating
current for PMC,
TMU, ADC
—
10
—
mA
—
—
IDD_HV_FXOSC_
PLL
Operating current for
FXOSC and PLL
—
16
—
mA
fPLL_VCO = 2GHz,
Core/Peripheral PLLs
—
IDD_EFUSE_PGM VDD_EFUSE
programming current
—
—
140
mA
VDD_EFUSE=1.89V,
VDD=0.825V
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
19 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com