công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 53 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 53 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 49Page - NXP Semiconductors S32Z2 Datasheet HTML 50Page - NXP Semiconductors S32Z2 Datasheet HTML 51Page - NXP Semiconductors S32Z2 Datasheet HTML 52Page - NXP Semiconductors S32Z2 Datasheet HTML 53Page - NXP Semiconductors S32Z2 Datasheet HTML 54Page - NXP Semiconductors S32Z2 Datasheet HTML 55Page - NXP Semiconductors S32Z2 Datasheet HTML 56Page - NXP Semiconductors S32Z2 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 138 page
background image
Table 18. Clock frequency ranges...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fP4_PSI5_1US_
CLK
PSI5 1us clock
frequency
—
—
1.01
MHz
P4_PSI5_1US_CLK
—
fP4_PSI5_S_
BAUD_CLK
PSI5_S baud clock
frequency
—
—
50.625
MHz
P4_PSI5_S_BAUD_
CLK
—
fP4_PSI5_S_
CORE_CLK
PSI5_S core clock
frequency
—
—
25.3
MHz
P4_PSI5_S_CORE_
CLK
—
fP4_PSI5_S_TRIG_
CLK0
PSI5_S_0 trigger
clock 0 frequency
—
—
1.01
MHz
P4_PSI5_S_TRIG_
CLK0
—
fP4_PSI5_S_TRIG_
CLK1
PSI5_S_0 trigger
clock 1 frequency
—
—
1.01
MHz
P4_PSI5_S_TRIG_
CLK1
—
fP4_PSI5_S_TRIG_
CLK2
PSI5_S_0 trigger
clock 2 frequency
—
—
1.01
MHz
P4_PSI5_S_TRIG_
CLK2
—
fP4_PSI5_S_TRIG_
CLK3
PSI5_S_0 trigger
clock 3 frequency
—
—
1.01
MHz
P4_PSI5_S_TRIG_
CLK3
—
fP4_PSI5_S_
UART_CLK
PSI5_S UART clock
frequency
—
—
50.625
MHz
P4_PSI5_S_UART_
CLK
—
fP4_PSI5_S_UTIL_
CLK
PSI5_S UTIL clock
frequency
—
—
1.01
MHz
P4_PSI5_S_UTIL_CLK —
fP4_PSI5_S_
WDOG_CLK0
PSI5_S_0 watchdog
clock 0 frequency
—
—
1.01
MHz
P4_PSI5_S_WDOG_
CLK0
—
fP4_PSI5_S_
WDOG_CLK1
PSI5_S_0 watchdog
clock 1 frequency
—
—
1.01
MHz
P4_PSI5_S_WDOG_
CLK1
—
fP4_PSI5_S_
WDOG_CLK2
PSI5_S_0 watchdog
clock 2 frequency
—
—
1.01
MHz
P4_PSI5_S_WDOG_
CLK2
—
fP4_PSI5_S_
WDOG_CLK3
PSI5_S_0 watchdog
clock 3 frequency
—
—
1.01
MHz
P4_PSI5_S_WDOG_
CLK3
—
fP4_QSPI0_1X_
CLK
QuadSPI_0 1X clock
frequency
—
—
202.5
MHz
P4_QSPI0_1X_CLK
—
fP4_QSPI0_2X_
CLK
QuadSPI_0 2X clock
frequency
—
—
405
MHz
P4_QSPI0_2X_CLK
—
fP4_QSPI1_1X_
CLK
QuadSPI_1 1X clock
frequency
—
—
166.25
MHz
P4_QSPI1_1X_CLK
—
fP4_QSPI1_2X_
CLK
QuadSPI_1 2X clock
frequency
—
—
332.5
MHz
P4_QSPI1_2X_CLK
—
fP4_REG_INTF_
2X_CLK
P4 register interface
2x clock frequency
—
—
133.33
MHz
P4_REG_INTF_2X_
CLK
—
fP4_REG_INTF_
CLK
P4 register interface
clock frequency
—
—
133.33
MHz
P4_REG_INTF_CLK
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
53 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More