công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 18 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 18 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 14Page - NXP Semiconductors S32Z2 Datasheet HTML 15Page - NXP Semiconductors S32Z2 Datasheet HTML 16Page - NXP Semiconductors S32Z2 Datasheet HTML 17Page - NXP Semiconductors S32Z2 Datasheet HTML 18Page - NXP Semiconductors S32Z2 Datasheet HTML 19Page - NXP Semiconductors S32Z2 Datasheet HTML 20Page - NXP Semiconductors S32Z2 Datasheet HTML 21Page - NXP Semiconductors S32Z2 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
• The following table provides S32Z270 package thermal ratings for both 21 mm x 21 mm and 17 mm x 17 mm MAPBGA
package variants. These numbers are derived through simulations based on standardized tests as described in the footnotes.
• Thermal resistance data in this report is solely for a thermal performance comparison of one package to another
in a standardized specified environment. It is not meant to predict the performance of a package in an application-
specific environment.
Table 5. S32Z270, 21 mm x 21 mm 594 MAPBGA and 17 mm x 17 mm 400 MAPBGA
Board type1
Symbol
Description
Value
Unit
21 mm x 21 mm
594 MAPBGA
17 mm x 17 mm
400 MAPBGA
JESD51-9, 2s2p RθJA
Junction to Ambient Thermal Resistance2 15.8
17.3
°C/W
JESD51-9, 2s2p ΨJT
Junction-to-Top of Package Thermal
Characterization Parameter2
0.1
0.1
°C/W
N/A
RθJC (top) Junction to Case Thermal Resistance
(top)3
3.2
3.5
°C/W
1. Thermal test board meets JEDEC specification for this package (JESD51-9).
2. Determined in accordance with JEDEC JESD51-2A natural convection environment.
3. Junction-to-Case (top) thermal resistance determined using an isothermal cold plate. Case temperature refers to the
MAPBGA's mold surface temperature.
7 DC Electricals
7.1 Device Power and Operating Current Specifications
The device power consumption, operating current, and applicable conditions are given in the following table.
Table 6. Device Power and Operating Current Specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
PLKG_SOC_TYP
SoC VDD typical
static leakage power
—
1.7
—
W
VDD=0.825V, Tj =
150C
—
PDYN_SOC_
BASE_TYP
SoC base typical
dynamic power 1
—
0.6
—
W
VDD=0.825V, 400MHz —
PDYN_R52_TYP
Cortex-R52 core
typical dynamic
power 2
—
0.8
—
W
VDD=0.825V, fsys_
R52 = 800MHz
—
PDYN_R52_TYP
Cortex-R52 core
typical dynamic
power 2
—
0.9
—
W
VDD=0.825V, fsys_
R52=900MHz
—
PDYN_R52_TYP
Cortex-R52 core
typical dynamic
power 2
—
1.0
—
W
VDD=0.825V, fsys_
R52=1GHz
—
PDYN_DDR_TYP
DDR PHY &
DRAM controller
core supply typical
dynamic power 3
—
0.1
—
W
LPDDR4,
VDD=0.825V, fsys_
DDR = 1600MHz
(1600MT/s), 60%
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
18 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com