công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 2Page - NXP Semiconductors S32Z2 Datasheet HTML 3Page - NXP Semiconductors S32Z2 Datasheet HTML 4Page - NXP Semiconductors S32Z2 Datasheet HTML 5Page - NXP Semiconductors S32Z2 Datasheet HTML 6Page - NXP Semiconductors S32Z2 Datasheet HTML 7Page - NXP Semiconductors S32Z2 Datasheet HTML 8Page - NXP Semiconductors S32Z2 Datasheet HTML 9Page - NXP Semiconductors S32Z2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 138 page
background image
Table 1. Feature summary...continued
Feature
S32E2
S32Z2
Package: MAPBGA with
0.8 mm pitch
27 mm × 27 mm with 975 balls
21 mm × 21 mm with
594 balls
17 mm × 17 mm with
400 balls
Quad Serial Peripheral
Interface (QuadSPI)
1 (2 on 0 MB flash memory version) supporting interfaces for:
• NOR flash memory: up to 200 MHz DDR octal flash memory (×1, ×4, ×8
SDR/DDR possible)
• HyperRAM: up to 166 MHz with inline ECC
Ultra Secured Digital Host
Controller (uSDHC)
1 (supports SD and eMMC)
Enhanced Direct Memory Access (eDMA) modules
System eDMA controller
1 lockstep pair with 32 channels and Cyclic Redundancy Check (CRC)
Peripheral eDMA controllers
1 with 32 channels
3 with 16 channels each
Application Extension
eDMA (eDMA_AE)
1 with 16 channels
—
Debug
Trace
Aurora, 4 lanes, 5 Gbit/s per lane with data input through Zipwire
Peripherals
Analog-to-digital converters
(ADCs): 3.3 V or 5.0 V
Five 12-bit Successive
Approximation (SAR) ADCs
(68 channels total)
—
ADCs: 1.8 V
Two 12-bit SAR ADCs (8 channels total)
Motor control peripherals
2 FlexPWMs (12
channels each)
—
4 eTimers (6 channels each) —
3 Cross-Triggering
Units (CTUs)
1 CTU
1 SINC (4 channels)
—
Timer modules
4-cluster Generic Timer Module (GTM4), up to 400 MHz, with high-resolution PWM
support (optional)
2 Enhanced Modular Input/Output Subsystems (eMIOSs) (24 channels each)
Logic Control Units (LCUs)
2
Periodic Interrupt Timers (PITs)
14
13
Software Watchdog Timers (SWTs) 13
System Timer Modules (STMs)
13
Semaphores2 (SEMA42)
9
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
6 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com