công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  S32Z2 Datasheet HTML 1Page - NXP Semiconductors S32Z2 Datasheet HTML 2Page - NXP Semiconductors S32Z2 Datasheet HTML 3Page - NXP Semiconductors S32Z2 Datasheet HTML 4Page - NXP Semiconductors S32Z2 Datasheet HTML 5Page - NXP Semiconductors S32Z2 Datasheet HTML 6Page - NXP Semiconductors S32Z2 Datasheet HTML 7Page - NXP Semiconductors S32Z2 Datasheet HTML 8Page - NXP Semiconductors S32Z2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 138 page
background image
1 Introduction: S32E2/S32Z2 Family
1.1 Overview
S32E2 and S32Z2 are 32-bit Arm®-based real-time processors. They target real-time applications that require low latency and
high performance, including applications for:
• Braking
• Hybrid and electric vehicles (HEVs/EVs)
• Safety
• Chassis
• Domain control
S32E2 builds on and expands NXP's HEV/EV portfolio that includes products such as MPC5744P, MPC5777C, MPC5775B, and
MPC5775E. S32E2 is an EV integration platform that supports applications such as:
• Electric traction motor control
• Hybrid control unit (HCU) control
• Advanced combustion engine management
S32Z2 is a safety and domain controller that supports applications such as:
• Drive-by-wire
• Chassis control
• Autonomous vehicle drive control
• Domain control
• Battery management systems (BMS)
S32E2 and S32Z2 are developed with 16 nm FinFET technology and target ISO 26262 Automotive Safety Integrity Level D
(ASIL D).
1.2 Block diagram
Figure 1 shows the chip components. In this figure, orange component blocks vary across S32E2 and S32Z2. For details, see
Feature summary.
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
2 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More