công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 20 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 20 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 16Page - NXP Semiconductors S32Z2 Datasheet HTML 17Page - NXP Semiconductors S32Z2 Datasheet HTML 18Page - NXP Semiconductors S32Z2 Datasheet HTML 19Page - NXP Semiconductors S32Z2 Datasheet HTML 20Page - NXP Semiconductors S32Z2 Datasheet HTML 21Page - NXP Semiconductors S32Z2 Datasheet HTML 22Page - NXP Semiconductors S32Z2 Datasheet HTML 23Page - NXP Semiconductors S32Z2 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 138 page
background image
Table 6. Device Power and Operating Current Specifications...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
IDD_DDR0
VDD_DDR0
operating current
—
5
—
mA
fDDR_PLL = 1600MHz,
1.8V
—
IDD_HV_IO_LFAST VDD_HV_IO_LFAST
operating current
—
<10
—
mA
320Mbps, VDD_HV_
IO_LFAST=1.8V
—
IVDD_IO_ETH_0
Ethernet segment 0
when operating at
3.3V
—
—
120
mA
Tj=150C, RGMII
125MHz, clocks 100%
activity rate, 50% data
rate, 1/2 data switching
per cycle. Capacitive
load =15.5pF
—
IVDD_IO_ETH_0
Ethernet segment 0
when operating at
1.8V
—
—
56
mA
Tj=150C, RGMII
125MHz, clocks 100%
activity rate, 50% data
rate, 1/2 data switching
per cycle. Capacitive
load =15.5pF
—
IVDD_IO_ETH_1
Ethernet segment 1
when operating at
3.3V
—
—
120
mA
Tj=150C, RGMII
125MHz, clocks 100%
activity rate, 50% data
rate, 1/2 data switching
per cycle. Capacitive
load =15.5pF
—
IVDD_IO_ETH_1
Ethernet segment 1
when operating at
1.8V
—
—
56
mA
Tj=150C, RGMII
125MHz, clocks 100%
activity rate, 50% data
rate, 1/2 data switching
per cycle. Capacitive
load =15.5pF
—
IDD_HV_AUR_LKG VDD_HV_AUR leaka
ge current
—
700
—
uA
Transmit pad disabled
—
IVDD_IO_QSPI_0
QuadSPI_0 A I/O
voltage supply
operating current
—
—
35
mA
1.8V, Tj = 150C,
200MHz Octal mode,
DDR - clocks 100%
activity rate, 50% data
rate, 1/2 data switching
per cycle, does not
include power for other
I/O pins on the VDD_
IO_QSPI_0 supply.
—
IVDD_IO_QSPI_1
QuadSPI_1 A /
uSDHC I/O voltage
supply operating
current
—
—
80
mA
1.8V, Tj = 150C,
166MHz Octal mode,
DDR - clocks 100%
activity rate, 50% data
rate, 1/2 data switching
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
20 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com