công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 43 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 43 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 39Page - NXP Semiconductors S32Z2 Datasheet HTML 40Page - NXP Semiconductors S32Z2 Datasheet HTML 41Page - NXP Semiconductors S32Z2 Datasheet HTML 42Page - NXP Semiconductors S32Z2 Datasheet HTML 43Page - NXP Semiconductors S32Z2 Datasheet HTML 44Page - NXP Semiconductors S32Z2 Datasheet HTML 45Page - NXP Semiconductors S32Z2 Datasheet HTML 46Page - NXP Semiconductors S32Z2 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 138 page
background image
Table 15. Aurora PLL...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
JRCDC
Reference clock
period jitter
—
—
5
ps
RMS, 0.5MHz - 20MHz —
fPLL_VCO
Aurora PLL VCO
Frequency Range
3000
—
5000
MHz
—
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range 5
—
—
5000
MHz
5.0Gbps Aurora lane
data rate, VCO
frequency divided by 1
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range 5
—
—
4000
MHz
4.0Gbps Aurora lane
data rate, VCO
frequency divided by 1
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range 5
—
—
3400
MHz
3.4Gbps Aurora lane
data rate, VCO
frequency divided by 1
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range 5
—
—
3000
MHz
3.0Gbps Aurora lane
data rate, VCO
frequency divided by 1
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range 5
—
—
2500
MHz
2.5Gbps Aurora lane
data rate, VCO
frequency divided by 2.
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range 5
—
—
2000
MHz
2.0Gbps Aurora lane
data rate, VCO
frequency divided by 2.
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range
—
—
500
MHz
No tool connected
- trace logic clock
with FXOSC reference
clock.
—
tLOCK
Aurora PLL Lock
Time
—
—
150
us
—
—
PER_jitter
Aurora PLL Period
Jitter
-21
—
21
ps
fPLL_CLKIN = 40MHz
| 100MHz, VCO =
5GHz, fPLL_CLKOUT
= 5GHz, 6-sigma
wirebond L < 2nH
—
LT_jitter
Aurora PLL Long
Term Jitter
-120
—
120
ps
Saturated, 6-sigma
—
1. Refer to the LVDS Pad specifications for additional Aurora PLL reference clock electrical specifications. Also see " Aurora
Debug Port Timing" figure for fPLL_CLKIN as spec number 1.
2. 100MHz is the only input reference frequency supported for the Aurora PLL.
3. 40MHz is the only internal input reference frequency supported for the Aurora PLL.
4. It is Aurora PLL Input Reference Clock Frequency after pre-divider.
5. The Aurora PLL is only validated at the frequencies specified within this table - these frequencies correspond to the limited
set of Aurora data lane rates that are supported for the device.
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
43 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com