công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 37 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 37 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 33Page - NXP Semiconductors S32Z2 Datasheet HTML 34Page - NXP Semiconductors S32Z2 Datasheet HTML 35Page - NXP Semiconductors S32Z2 Datasheet HTML 36Page - NXP Semiconductors S32Z2 Datasheet HTML 37Page - NXP Semiconductors S32Z2 Datasheet HTML 38Page - NXP Semiconductors S32Z2 Datasheet HTML 39Page - NXP Semiconductors S32Z2 Datasheet HTML 40Page - NXP Semiconductors S32Z2 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 138 page
background image
Table 12. Reset related pad electrical characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
ISLEW_POR_B
POR_B slew rate
30e-06
—
4
V/ns
—
—
ISLEW_RESET_B
RESET_B slew
rate 1
30e-06
—
4
V/ns
Noise on RESET_B
<100mV peak-peak.
—
VISE_RESET_B
RESET_B pad
indeterminate state
end threshold
—
2.35
—
V
See RESET_B pad
detailed behavior
diagram below
—
VRSE_RESET_B
RESET_B pad ramp-
up state end
threshold
—
—
635
mV
See RESET_B pad
detailed behavior
diagram below
—
WF_RESET_B
RESET_B input
filtered pulse
—
—
17
ns
—
—
WNF_RESET_B
RESET_B input not
filtered pulse
400
—
—
ns
—
—
MLP_POR_B
POR_B minimum
low pulse
5
—
—
us
—
—
1. ISLEW_RESET_B(Min) = MAX[30e-06, 0.002 * Vnoise_p_p * Fnoise], where Vnoise_p_p is peak-peak noise magnitude (in
V) and Fnoise is max noise frequency (in MHz).
pad HV supply
0.8 V supply
POR_B
RESET_B
indeterminate
state
ramp-up state
end threshold
high-impedance state
low during rest of
reset sequence
indeterminate state
end threshold
Figure 10. RESET_B pad detailed behavior
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
37 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com