công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 55 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 55 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 51Page - NXP Semiconductors S32Z2 Datasheet HTML 52Page - NXP Semiconductors S32Z2 Datasheet HTML 53Page - NXP Semiconductors S32Z2 Datasheet HTML 54Page - NXP Semiconductors S32Z2 Datasheet HTML 55Page - NXP Semiconductors S32Z2 Datasheet HTML 56Page - NXP Semiconductors S32Z2 Datasheet HTML 57Page - NXP Semiconductors S32Z2 Datasheet HTML 58Page - NXP Semiconductors S32Z2 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 138 page
background image
Table 18. Clock frequency ranges...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fRTU0_CORE_CLK RTU0 core clock
frequency 1
—
—
1
GHz
RTU0_CORE_CLK, TJ
= 125 °C, part number
10th character = E and
13th character = V
—
fRTU0_CORE_
DIV2_CLK
RTU0 core div2
clock frequency 1
—
—
500
MHz
RTU0_CORE_DIV2_
CLK, TJ = 125 °C, part
number 10th character
= E and 13th character
= V
—
fRTU0_REG_INTF_
CLK
RTU0 register
interface clock
frequency
—
—
135
MHz
RTU0_REG_INTF_CLK —
fRTU1_CORE_CLK RTU1 core clock
frequency 1
—
—
1
GHz
RTU1_CORE_CLK, TJ
= 125 °C, part number
10th character = E and
13th character = V
—
fRTU1_CORE_
DIV2_CLK
RTU1 core div2
clock frequency 1
—
—
500
MHz
RTU1_CORE_DIV2_
CLK, TJ = 125 °C, part
number 10th character
= E and 13th character
= V
—
fRTU1_REG_INTF_
CLK
RTU1 register
interface clock
frequency
—
—
135
MHz
RTU1_REG_INTF_CLK —
fTCK
TCK clock frequency —
—
50
MHz
TCK
—
fCLKOUT_0
CLKOUT_0 clock
frequency
—
—
40.5
MHz
CLKOUT_0
—
fCLKOUT_1
CLKOUT_1 clock
frequency
—
—
42
MHz
CLKOUT_1
—
fCLKOUT_2
CLKOUT_2 clock
frequency
—
—
40.5
MHz
CLKOUT_2
—
fCLKOUT_3
CLKOUT_3 clock
frequency
—
—
40
MHz
CLKOUT_3
—
fCLKOUT_4
CLKOUT_4 clock
frequency
—
—
50
MHz
CLKOUT_4
—
1. Part numbers with a 10th character other than E have a lower maximum frequency at TJ = 150 °C or 125 °C (13th
character = M or V). See the "Ordering information" section.
14.1.2 PLL
The following table gives the operating frequencies and characteristics of the PLL, and applies to all instances on the
device. Actual operating frequencies for the device are constrained to the values given below.
PLL refers to the Core, Peripheral, and DDR reference PLLs on the device.
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
55 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com