| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S32Z2 bảng dữ liệu(PDF) 65 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32Z2 bảng dữ liệu(HTML) 65 Page - NXP Semiconductors |
|
65 / 138 page ![]() 0.7 x VDD tHIGH tDIG_H tDIG_L tLOW tfCL trCL 0.3 x VDD Figure 26. tDIG_H and tDIG_L Figure 27. Definition of timing for F/S mode devices on the I2C bus 14.3.2 LPI2C LPI2C is a low-power Inter-Integrated Circuit (I2C) module that supports an efficient interface to an I2C bus as a controller and/or as a target. Table 27. LPI2C Symbol Description Min Typ Max Unit Condition Spec Number fSCL SCL clock frequency: Standard mode (Sm) 1 0 — 100 kHz — — Table continues on the next page... NXP Semiconductors S32Z27 S32Z2 Data Sheet S32Z27 All information provided in this document is subject to legal disclaimers. © 2020 - 2025 NXP B.V. All rights reserved. Product Data Sheet Rev. 6 — 14 May 2025 Document feedback 65 / 138 |