công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 22 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 22 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 18Page - NXP Semiconductors S32Z2 Datasheet HTML 19Page - NXP Semiconductors S32Z2 Datasheet HTML 20Page - NXP Semiconductors S32Z2 Datasheet HTML 21Page - NXP Semiconductors S32Z2 Datasheet HTML 22Page - NXP Semiconductors S32Z2 Datasheet HTML 23Page - NXP Semiconductors S32Z2 Datasheet HTML 24Page - NXP Semiconductors S32Z2 Datasheet HTML 25Page - NXP Semiconductors S32Z2 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 138 page
background image
7.2 Static power specifications for I/O Domains
Table 7. Static power specifications for I/O Domains
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_IO_DDR0
DDR I/O Supply
—
0.8
2.4
mA
1.1V
—
VDD_IO_AUR
Aurora I/O Supply
—
0.3
0.6
mA
1.8V
—
VDD_IO_LFAST
LFAST I/O Supply
—
0.1
0.4
mA
1.8V
—
VDD_IO_MSC
Microsecond
Channel I/O Supply
—
0.2
0.4
mA
1.8V
—
VDD_IO_QSPI_0
QuadSPI_0 I/O
Supply
—
1.0
1.8
mA
1.8V
—
VDD_IO_QSPI_1
QuadSPI_1A I/O
Supply
—
37.3
72.1
mA
1.8V
—
VDD_IO_QSPI_1
QuadSPI_1A I/O
Supply
—
47.3
82.1
mA
3.3V
—
VDD_3V3_IO
GPIO Supply
—
1.3
1.8
mA
3.3V
—
VDD_IO_A_J_POR GPIOA, GPIOJ,
POR I/O Supply
—
2.0
2.7
mA
3.3V
—
VDD_IO_BF
GPIOB, GPIOF
Supply
—
1.3
2.0
mA
3.3V
—
VDD_IO_ETH_0
ETH 0 I/O Supply
—
35.9
76.6
mA
1.8V
—
VDD_IO_ETH_1
ETH 1 I/O Supply
—
35.9
76.6
mA
1.8V
—
VDD_IO_ETH_0
ETH 0 I/O Supply
—
43.9
84.6
mA
3.3V
—
VDD_IO_ETH_1
ETH 1 I/O Supply
—
43.9
84.6
mA
3.3V
—
VDD_IO_H
GPIOH,
QuadSPI_1B I/O
Supply
—
0.6
0.9
mA
3.3V
—
VDD_IO_EG
GPIOE, GPIOG
Supply
—
1.2
1.7
mA
3.3V
—
VDD_IO_I
GPIOI Supply
—
0.7
2.7
mA
3.3V
—
VDD_HV_IO_D0
AE I/O Supply
—
0.1
0.5
mA
3.3V
—
VDD_HV_IO_D1
AE I/O Supply
—
0.1
0.5
mA
3.3V
—
VDD_HV_IO_D0
AE I/O Supply
—
0.2
2.0
mA
5.0V
—
VDD_HV_IO_D1
AE I/O Supply
—
0.2
2.0
mA
5.0V
—
VDD_IO_EIG
GPIOE, GPIOI,
GPIOG Supply
—
1.9
2.5
mA
3.3V
—
7.3 Total power specifications
The part is designed with a power distribution network that has two specifications: dynamic power and total supply rail power
(dynamic power plus leakage power). At higher temperatures, the leakage is higher and the user must manage the dynamic
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
22 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com