công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 92 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 92 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 88Page - NXP Semiconductors S32Z2 Datasheet HTML 89Page - NXP Semiconductors S32Z2 Datasheet HTML 90Page - NXP Semiconductors S32Z2 Datasheet HTML 91Page - NXP Semiconductors S32Z2 Datasheet HTML 92Page - NXP Semiconductors S32Z2 Datasheet HTML 93Page - NXP Semiconductors S32Z2 Datasheet HTML 94Page - NXP Semiconductors S32Z2 Datasheet HTML 95Page - NXP Semiconductors S32Z2 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 138 page
background image
Table 50. QuadSPI Quad 3.3V SDR 50MHz...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tIH_SCK
Input hold time (w.r.t.
SCK)
1
—
—
—
—
—
14.4.1.10 QuadSPI Octal and HyperRAM 3.3V DDR 100MHz
The SRE[2:0]=100 for 33GPIO pads and SRE[2:0]=101 for 3318 pads is the required drive setting to meet the timing.
FLSHCR[TCSS] and FLSHCR[TCSH] should be set to 2.
Data transitions measured at 30%/70% supply for the write path. Data transitions measured at mid-supply for the read path. Clock
transitions measured at mid-supply.
Table 51. QuadSPI Octal and HyperRAM 3.3V DDR 100MHz
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSCK_DQS
SCK / DQS
frequency 1,2
—
—
100
MHz
fSCK duty cycle
distortion is in the
range of 45%-55%.
—
tCL_SCK
SCK low time 1,2
4.500
—
—
ns
—
—
tCH_SCK
SCK high time 1,2
4.500
—
—
ns
—
—
tOD_DATA
Data output delay
(w.r.t. SCK) 2
1.016
—
3.484
ns
—
—
tOD_CSL
CS low to clock
high 2
8.516
—
—
ns
—
—
tOD_CSH
Clock low to CS
high 2
8.516
—
—
ns
—
—
tISU_DQS
Input setup time
(w.r.t. DQS) 1
-0.816
—
—
ns
—
—
tIH_DQS
Input hold time (w.r.t.
DQS) 1
3.684
—
—
ns
—
—
1. Input timing assumes maximum input signal transition of 1 ns (20%/80%). DQS denotes external strobe provided by the
Flash.
2. Output timing valid for maximum external load CL = 20 pF (includes PCB trace, package trace (around 1-2pF) and flash
input load).
14.4.1.11 QuadSPI configurations
The following table shows a subset of the QuadSPI module configurations for different speeds and data rates.
In Table 52:
• DLLCR represents DLLCRA or DLLCRB, as applicable.
• SMPR[DLLFSMPF] represents SMPR[DLLFSMPFA] or SMPR[DLLFSMPFB], as applicable.
NOTE
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
92 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com