công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 102 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 102 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 98Page - NXP Semiconductors S32Z2 Datasheet HTML 99Page - NXP Semiconductors S32Z2 Datasheet HTML 100Page - NXP Semiconductors S32Z2 Datasheet HTML 101Page - NXP Semiconductors S32Z2 Datasheet HTML 102Page - NXP Semiconductors S32Z2 Datasheet HTML 103Page - NXP Semiconductors S32Z2 Datasheet HTML 104Page - NXP Semiconductors S32Z2 Datasheet HTML 105Page - NXP Semiconductors S32Z2 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 138 page
background image
14.4.3.3 LPDDR4 Output Timing
Table 59. LPDDR4 Output Timing
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tCK(avg)
Average clock
period 1
—
1.25
—
ns
—
—
tDOeye
Output data eye 2,3,1 0.45
—
—
UI
—
—
tCAOeye
CA output data
eye 4,1
0.55
—
—
UI
UI=1250ps, LPDDR4
—
tCAOeye-flash
CA output data eye
in flash memory
mode
0.45
—
—
UI
UI=1250pcs, Flash
memory mode
—
1. Measurements were done with signals terminated with a 50ohm resistor terminated to VSS, Phy output is calibrated to a
drive strength of 40ohms. Slew rate AtxSlewRate was set to 0x1FF (PreDrvMode=1, PreN=F,PreP=F); TxSlewRate was
set 0x1FF (PreDrvMode=1, PreN=F, PreP=F).
2. tDOeye is trained to be shifted min 200 ps from DQS edge (tDQS2DQ learning).
3. Tx DQS to MCLK edges are trained to be aligned.
4. Addr/Cmd is centered aligned by training.
WR A0
NOOP
D0
D1
Dn
MCLK
ADD/CMD
MDQS
MDQ
tCK
tCAOeye
tDQS2DQ
tDOeye
Figure 59. LPDDR4 Output Timing
14.4.4 Flash KGD
Table 60. Flash KGD
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
T_Flash_On
Flash lifetime power-
on duration
40
200
—
hours
—
—
Flash Reads
Lifetime reads
1M
—
—
array
reads
Refers to the read of
16MB
—
DR_100
Data retention
(between 0
and 100 program/
erase cycles) 1
20
—
—
years
—
—
DR_1000
Data retention
(between 100 and
5
—
—
years
—
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
102 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com