công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 103 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 103 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 99Page - NXP Semiconductors S32Z2 Datasheet HTML 100Page - NXP Semiconductors S32Z2 Datasheet HTML 101Page - NXP Semiconductors S32Z2 Datasheet HTML 102Page - NXP Semiconductors S32Z2 Datasheet HTML 103Page - NXP Semiconductors S32Z2 Datasheet HTML 104Page - NXP Semiconductors S32Z2 Datasheet HTML 105Page - NXP Semiconductors S32Z2 Datasheet HTML 106Page - NXP Semiconductors S32Z2 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 138 page
background image
Table 60. Flash KGD...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
1000 program/erase
cycles) 1
E
Endurance 1
100
1000
—
Program/
erase
cycles
—
—
1. You can use only block erase or chip erase (sector erase is not allowed). It does not support EEPROM emulation as well.
14.5 Analog Modules
14.5.1 Temperature Monitoring Unit (TMU)
The table below gives the specification for the Temperature Monitoring Unit (TMU). Specifications apply to all remote temperature
sensors connected to the TMU on the device.
Table 61. Temperature Monitoring Unit (TMU)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TRANGE
Temperature
monitoring range 1
-45
—
155
C
—
—
TERR
Temperature sensor
error
-8
—
8
C
TRANGE = -40C to
99C
—
TERR
Temperature sensor
error
-5
—
5
C
TRANGE = 100C to
144C
—
TERR
Temperature sensor
error
-3
—
3
C
TRANGE = 145C to
150C
—
1. Accuracy outside of operating range (-40 to 150) is not guaranteed.
14.5.2 SAR ADC
ADC performance specifications are only guaranteed when the injection current limits in the operating conditions table of this
electrical specification are met.
Although functionally supported on devices with 2 ADCs, ADC performance specifications are not guaranteed for shared channels
between the 2 ADCs if the input channel is sampled or converted simultaneously by both ADCs. For best performance in this case,
the external capacitance at the input pin and reference pin should be maximized.
Table 62. SAR ADC
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VAD_INPUT
ADC Input Voltage 1 VSS_AD
C
—
VDD_AN
A
V
on or off channels
—
fAD_CK
ADC Clock
Frequency
20
—
80
MHz
—
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
103 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com