công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 101 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 101 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 97Page - NXP Semiconductors S32Z2 Datasheet HTML 98Page - NXP Semiconductors S32Z2 Datasheet HTML 99Page - NXP Semiconductors S32Z2 Datasheet HTML 100Page - NXP Semiconductors S32Z2 Datasheet HTML 101Page - NXP Semiconductors S32Z2 Datasheet HTML 102Page - NXP Semiconductors S32Z2 Datasheet HTML 103Page - NXP Semiconductors S32Z2 Datasheet HTML 104Page - NXP Semiconductors S32Z2 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 138 page
background image
Table 57. DDR Common DC Input
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
IIZ-BP
Input leakage
current1
-50
—
50
uA
—
—
VIH-DC_BPDAT
Input high voltage
threshold
VREF+0.
085
—
—
V
—
—
VIL-DC_BPDAT
Input low voltage
threshold
—
—
vref -
0.085
V
—
—
1. Leakage current is measured when the pin is configured to a high-impedance state with all on-die termination disabled.
Leakage is valid for any input except for Vref over the range:0 <= VIN <= VDD_IO_DDR0. All pins not under test = VSS or
VDD_IO_DDR0.
14.4.3.2 DDR Common DC Output
Table 58. DDR Common DC Output
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
ROnPu
Output driver pull-
up impedance: DQ,
DQS outputs 1
—
120,60,4
0
—
Ohm
—
—
ROnPd
Output driver pull-
down impedance:
DQ, DQS outputs 1
—
120,60,4
0
—
Ohm
—
—
ROnPu
Output driver pull-up
impedance: address,
command 1
—
120,60,4
0
—
Ohm
—
—
ROnPd
Output driver pull-
down impedance:
address, command 1
—
120,60,4
0
—
Ohm
—
—
ROnPu
Output driver pull-
up impedance:
DDR0_RESET_B,
CKE outputs 2
—
18-28
—
Ohm
—
—
ROnPd
Output driver pull-
down impedance:
DDR0_RESET_B,
CKE outputs 2
—
18-28
—
Ohm
—
—
ZN
Driver impedance
calibration resistor
118.8
120
121.2
Ohm
—
—
1. Calibrated at VDD_IO_DDR0 / 2.
2. For the DDR0_RESET_B pin and CKE pin, the driver is in maximum strength and impedance value is process dependent.
NOTE: Refer to IBIS model for the complete IV curve characteristics.
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
101 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com