công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 104 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 104 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 100Page - NXP Semiconductors S32Z2 Datasheet HTML 101Page - NXP Semiconductors S32Z2 Datasheet HTML 102Page - NXP Semiconductors S32Z2 Datasheet HTML 103Page - NXP Semiconductors S32Z2 Datasheet HTML 104Page - NXP Semiconductors S32Z2 Datasheet HTML 105Page - NXP Semiconductors S32Z2 Datasheet HTML 106Page - NXP Semiconductors S32Z2 Datasheet HTML 107Page - NXP Semiconductors S32Z2 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 138 page
background image
Table 62. SAR ADC...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tSAMPLE
ADC Input Sampling
Time 2
275
—
—
ns
—
—
tCONV
ADC Total
Conversion Time 3
1
—
—
us
—
—
tRECOVERY
ADC Initialization
Time from power-
down
—
—
1
us
—
—
CAD_INPUT
ADC Input
Capacitance
—
—
6.5
pF
ADC component
plus pad capacitance
(~2pF)
—
RAD_INPUT
ADC Input Series
Resistance
—
—
1.25
kΩ
—
—
OFS
ADC Offset Error 4
-6
—
6
LSB
after calibration
—
GNE
ADC Gain Error (full
scale) 4
-6
—
6
LSB
after calibration
—
DNL
ADC Differential
Non-linearity 4,5,6
-1
—
2
LSB
after calibration
—
INL
ADC Integral Non-
linearity 4,5
-3
—
3
LSB
after calibration
—
TUE
ADC Total
Unadjusted Error 4,5
-8
—
8
LSB
after calibration
—
SNR
Signal-to-Noise
Ratio 4
—
65
—
dBFS
input signal frequency
<= 50KHz
—
THD
Total Harmonic
Distortion 4
—
72
—
dBFS
Input signal frequency
<= 50KHz.
—
IAD_LKG
ADC Input Leakage
Current 7
-1
—
1
uA
TJ = 150C, Dedicated
input channel, channel
selection switch open
Min @ VAD_INPUT
= 0V Max @ VAD_
INPUT = VREH_ADC
—
IAD_LKG
ADC Input Leakage
Current 7
-2
—
2
uA
TJ = 150C, Shared
channel, channel
selection switch open
Min @ VAD_INPUT
= 0V Max @ VAD_
INPUT = VREH_ADC
—
IAD_LKG
ADC Input Leakage
Current
-90
—
90
nA
TJ = 150C, Dedicated
input channel, channel
selection switch open
Min @ VAD_INPUT
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
104 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com