công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 126 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 126 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 122Page - NXP Semiconductors S32Z2 Datasheet HTML 123Page - NXP Semiconductors S32Z2 Datasheet HTML 124Page - NXP Semiconductors S32Z2 Datasheet HTML 125Page - NXP Semiconductors S32Z2 Datasheet HTML 126Page - NXP Semiconductors S32Z2 Datasheet HTML 127Page - NXP Semiconductors S32Z2 Datasheet HTML 128Page - NXP Semiconductors S32Z2 Datasheet HTML 129Page - NXP Semiconductors S32Z2 Datasheet HTML 130Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 138 page
background image
Document ID
Release date
Description
• In all sections of QuadSPI specifications, in introductory text, changed
paragraph beginning "Clock measurements..." to: "Data transitions measured
at 30%/70% supply for the write path. Data transitions measured at mid-supply
for the read path. Clock transitions measured at mid-supply."
• In QuadSPI Octal 1.8V DDR 166MHz
— For tIH_DQS, changed Min from 2.145 ns to 2.105 ns
— For tISU_DQS, changed Min from -0.496 ns to -0.616 ns
• In QuadSPI Octal 1.8V DDR 200MHz
— For pre-existing tOD_DATA, added to Condition: "Split SRE configuration,
SRE[2:0]=000 for Data and SRE[2:0]=110 for CLK"
— Added second tOD_DATA
— For tIH_DQS, changed Min from 1.684 ns to 1.644 ns
— For tISU_DQS, changed Min from -0.466 ns to -0.586 ns
• Added QuadSPI timing diagrams
• In all sections of uSDHC specifications, in introductory text, changed paragraph
beginning "All uSDHC parameters..." to: "Data transitions measured at
35%/65% supply for the write path. Data transitions measured at mid-supply
for the read path. Clock transitions measured at mid-supply."
• In uSDHC eMMC5.1 DDR-HS400
— In introductory text, changed paragraph beginning "The SRE[2:0]..." to: "In
Split SRE configuration SRE[2:0]=000 for Data/CMD and SRE[2:0]=111 for
CLK are the required drive settings to meet the timing."
— For tCL and tCH, changed Min from 2.2 ns to 2.35 ns
— For tOD1 and tOD2, changed Min from 0.45 ns to 0.65 ns
— Added tOD
— Removed footnote: "The CMD output timing for HS400 mode is the same
as CMD output timing for HS200 mode."
Document ID
Release date
Description
S32Z27 v.2.C
February 2023
• In Ordering information, for 12th character, changed "0 = Initial version" to "A =
Initial production version"
• In Total power specifications
— Changed introductory text to: "The part is designed with a power
distribution network that has two specifications: dynamic power and
total supply rail power (dynamic power plus leakage power). At higher
temperatures, the leakage is higher and the user must manage the
dynamic power to compensate. The user must ensure the total supply
rail power is below the total power distribution network capacity. At lower
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
126 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com