công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 124 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 124 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 120Page - NXP Semiconductors S32Z2 Datasheet HTML 121Page - NXP Semiconductors S32Z2 Datasheet HTML 122Page - NXP Semiconductors S32Z2 Datasheet HTML 123Page - NXP Semiconductors S32Z2 Datasheet HTML 124Page - NXP Semiconductors S32Z2 Datasheet HTML 125Page - NXP Semiconductors S32Z2 Datasheet HTML 126Page - NXP Semiconductors S32Z2 Datasheet HTML 127Page - NXP Semiconductors S32Z2 Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 138 page
background image
Document ID
Release date
Description
• In NETC management interface
— For existing tMDKHDX, removed footnote, redefined Min and Max, and
added Condition text NEG=1
— Added two more tMDKHDX specifications
• In QuadSPI interfaces, added hyperlinks to applicable sections of specifications
• In QuadSPI Octal 1.8V SDR 133MHz, removed tISU_SCK and tIH_SCK
• In QuadSPI Octal 1.8V DDR 166MHz, QuadSPI Octal 1.8V DDR 200MHz, and
QuadSPI Octal and HyperRAM 3.3V DDR 100MHz, removed tDVW
• Added QuadSPI configurations
Document ID
Release date
Description
S32Z27 v.2.0
June 2023
• In Device Power and Operating Current Specifications
— Removed PVDD_SOC_BASE_TYP
— Added PLKG_SOC_TYP and PDYN_SOC_BASE_TYP
— For PDYN_R52_TYP at 800 MHz, changed Typ from 1.95 W to 0.8 W
— Added PDYN_R52_TYP at 900 MHz and 1 GHz
— For PDYN_DDR_TYP, changed Typ from TBD to 0.1 W and, in Condition,
changed VDD_DDR from 0.77 V to 0.825 V and 32-bit to 16-bit
— For PDYN_LLCE_TYP, changed Typ from TBD to 0.2 W and, in Condition,
changed 200 MHz to 400 MHz
— In Condition for IVDD_IO_ETH_0 and IVDD_IO_ETH_1 at both 3.3 V and
1.8 V, removed SRE=4 and VDD=3.3 V and added Tj=150C and RGMII
125 MHz
— Removed pre-existing IVDD_IO_QSPI_0 and IVDD_IO_QSPI_1
specifications
— Changed PVDD_IO_QSPI_0 and PVDD_IO_QSPI_1 to IVDD_IO_ETH_0
and IVDD_IO_ETH_1, respectively
— For new IVDD_IO_QSPI_0, changed Max from TBD to 35 mA and, in
Condition, changed max drive to Octal mode, DDR
— For new IVDD_IO_QSPI_1 at 1.8 V, changed Max from TBD to 80 mA and,
in Condition, changed max drive to Octal mode, DDR
— For new IVDD_IO_QSPI_1 for QuadSPI_1 A at 3.3 V, changed Max from
TBD to 130 mA and, in Condition, changed 133 MHz / max drive to 100
MHz Octal mode, DDR
— For new IVDD_IO_QSPI_1 for QuadSPI_1 B at 3.3 V, changed Max from
TBD to 75 mA and, in Condition, changed max drive to Quad mode, SDR
— Changed footnote 1
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
124 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com