công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 122 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 122 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 118Page - NXP Semiconductors S32Z2 Datasheet HTML 119Page - NXP Semiconductors S32Z2 Datasheet HTML 120Page - NXP Semiconductors S32Z2 Datasheet HTML 121Page - NXP Semiconductors S32Z2 Datasheet HTML 122Page - NXP Semiconductors S32Z2 Datasheet HTML 123Page - NXP Semiconductors S32Z2 Datasheet HTML 124Page - NXP Semiconductors S32Z2 Datasheet HTML 125Page - NXP Semiconductors S32Z2 Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 138 page
background image
Document ID
Release date
Description
• In NETC management interface, modified tMDKHDX specifications
• Added CANXL
• In PSI5, revised footnote 2
• Revised "Output timing valid" footnote in
— QuadSPI Quad 1.8V DDR 80MHz (footnote 2)
— QuadSPI Quad 1.8V SDR 133MHz (footnote 1)
— QuadSPI Octal 1.8V SDR 133MHz (footnote 2)
— QuadSPI Octal 1.8V DDR 166MHz (footnote 1)
— QuadSPI Octal 1.8V DDR 200MHz (footnote 1)
— QuadSPI Quad 3.3V DDR 80MHz (footnote 2)
— QuadSPI Quad 3.3V SDR 133MHz (footnote 1)
— QuadSPI Octal and HyperRAM 3.3V DDR 100MHz (footnote 1)
• In QuadSPI configurations, removed table columns with DQS mode defined as
"Internal pad loopback (data + DQS)" and "Edge-aligned" for:
— QuadSPI_0 side A: 1.8V Octal, DDR 200 MHz
— QuadSPI_1 side A: 1.8V HyperFlash or HyperRAM, DDR 166 MHz
• In uSDHC SD3.0/SDIO3.0/eMMC5.1 DDR, revised footnote 1
• In uSDHC eMMC5.1 DDR-HS400
— Revised footnote 1
— For tCL and tCH, changed Min from 2.35 ns to 2.2 ns
— For tOD, changed Max from 0.9 ns to 0.6 ns
• In uSDHC SD3.0/SDIO3.0/eMMC5.1 SDR, revised footnote 2
• In uSDHC eMMC5.1 SDR-HS200, revised footnote 1
• In JTAG Boundary Scan, revised footnote 6
• In JTAG Debug Interface Timing, revised footnote 4
• In SWD electrical specifications, revised first paragraph after table
Document ID
Release date
Description
S32Z27 v.3.AB
October 2023
• Changed I3C protocol to I2C protocol, changed number of I3C instances from 3
to 1, and added LPI2C instances in:
— Block diagram
— Table 1 in Feature summary
• In Ordering information, changed production part number and redefined 11th
and 12th characters
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
122 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com