công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 118 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 118 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 114Page - NXP Semiconductors S32Z2 Datasheet HTML 115Page - NXP Semiconductors S32Z2 Datasheet HTML 116Page - NXP Semiconductors S32Z2 Datasheet HTML 117Page - NXP Semiconductors S32Z2 Datasheet HTML 118Page - NXP Semiconductors S32Z2 Datasheet HTML 119Page - NXP Semiconductors S32Z2 Datasheet HTML 120Page - NXP Semiconductors S32Z2 Datasheet HTML 121Page - NXP Semiconductors S32Z2 Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 138 page
background image
Document ID
Release date
Description
• In Absolute Maximum Ratings
— For VAD_INPUT, revised footnote 6
— For V_OS_US_1p6, added footnotes 1 and 4
• In Operating Conditions, for IINJ_LVDS, removed Condition text "LVDS
enabled"
• In Device Power and Operating Current Specifications, for IDD_HV_LFASTPLL,
added Condition text "per PLL"
• Added Static power specifications for I/O Domains
• In LVDS Pads
— For RTERM_LVDS, added Condition text "transmitter and receiver"
— For TEYE_LVDS, added Condition text "transmitter"
• In Aurora PLL, for fPLL_CLKIN
— Changed Min from — to 40 MHz
— Changed Typ from 100 MHz to —
— Changed Max from — to 100 MHz
• In PLL, in introductory text, changed "applies to instances" to "applies to all
instances"
• In FXOSC, added ΔfXTAL_CLK
• In I3C timing when communicating with Legacy I2C devices and LPI2C
— For trCL and trDA for FM, changed Min from 20 ns to —
— For tfCL and tfDA for FM, changed Min from 20 * (VDD/5.5V) ns to —
— For trCL, tfCL, trDA, and tfDA for FM, added footnote
• In Microsecond channel (MSC)
— For t2 and t3 in table:
◦ In Description, changed "SOUT" to "SOUT/SCK"
◦ In Condition, removed references to frequency values
◦ Added footnote
— Modified figure "MSC master timing, output only"
• In following sections, in "Output timing valid" footnote, changed "input load" to
"flash input load"
— FlexRay - TxEN
— FlexRay - TxD
— NETC MII
— NETC RMII
— NETC RGMII
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
118 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com