công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 119 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 119 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 115Page - NXP Semiconductors S32Z2 Datasheet HTML 116Page - NXP Semiconductors S32Z2 Datasheet HTML 117Page - NXP Semiconductors S32Z2 Datasheet HTML 118Page - NXP Semiconductors S32Z2 Datasheet HTML 119Page - NXP Semiconductors S32Z2 Datasheet HTML 120Page - NXP Semiconductors S32Z2 Datasheet HTML 121Page - NXP Semiconductors S32Z2 Datasheet HTML 122Page - NXP Semiconductors S32Z2 Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 138 page
background image
Document ID
Release date
Description
— PSI5
— All sections of QuadSPI and uSDHC timing specifications
— JTAG Boundary Scan
— JTAG Debug Interface Timing
• In IEEE1588 interface, changed "NETC" to "IEEE" in section and table headings
• In NETC management interface, for tMDKHDX specifications with Condition
NEG=1, removed content of Spec Number column
• In SENT Interface, in "Input hysteresis" footnote, changed "set to 1/10th of clock
tick to avoid failures" to "set to a value closest to 1/10th of a bit time where the
max value of 128 is sufficient for long bit times"
• Removed section heading for PSI5_S under "Communication Modules"
• In following sections, for fSCK, added footnote "fSCK of 133.33MHz is also
acceptable"
— QuadSPI Quad 1.8V SDR 133MHz
— QuadSPI Quad 3.3V SDR 133MHz
• In QuadSPI Octal 1.8V DDR 200MHz
— For tOD_DATA, removed Condition text
— Removed separate tOD_DATA specification for single SRE configuration
• In QuadSPI Quad 3.3V SDR 50MHz, removed "and Octal" from section and
table headings
• In uSDHC SD3.0/SDIO3.0/eMMC5.1 DDR
— For tTLH and tTHL, added Spec Number
— For tOD, tISU, and tIH, expanded Spec Number information
— In footnote 3, changed "Input timing" to "Input signal timing"
• In uSDHC eMMC5.1 DDR-HS400
— Changed introductory text from "In Split SRE configuration SRE[2:0]=000
for Data/CMD and SRE[2:0]=111 for CLK are the required drive settings"
to "The SRE[2:0]=000 is required drive setting"
— In table:
◦ For tTLH and tTHL, added Spec Number
◦ Added tRQ and tRQH specifications for skew (CMD)
◦ In footnote 5, changed "Input timing" to "Input signal timing"
— Modified figure "HS400 Mode Interface Timing"
• In uSDHC SD3.0/SDIO3.0/eMMC5.1 SDR, in footnote 6, changed "Input timing"
to "Input signal timing"
• In uSDHC eMMC5.1 SDR-HS200
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
119 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com