công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 116 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 116 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 112Page - NXP Semiconductors S32Z2 Datasheet HTML 113Page - NXP Semiconductors S32Z2 Datasheet HTML 114Page - NXP Semiconductors S32Z2 Datasheet HTML 115Page - NXP Semiconductors S32Z2 Datasheet HTML 116Page - NXP Semiconductors S32Z2 Datasheet HTML 117Page - NXP Semiconductors S32Z2 Datasheet HTML 118Page - NXP Semiconductors S32Z2 Datasheet HTML 119Page - NXP Semiconductors S32Z2 Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 138 page
background image
Document ID
Release date
Description
• In section "FXOSC" added Crystal Startup Time.
• In all QuadSPI modes, deleted tOD_CS and added tOD_CSL/H with values and
updated "CS output timing" figure.
• Section "uSDHC SD3.0/eMMC5.1 DDR" renamed to "uSDHC SD3.0/SDIO3.0/
eMMC5.1 DDR" and updated figure to update eSDHC to uSDHC.
• Section "uSDHC DDR-HS400" renamed as "uSDHC eMMC5.1 DDR-HS400".
• Section "uSDHC SDR-HS200" renamed to "uSDHC eMMC5.1 SDR-HS200".
• In section "SAR ADC", updated IAD_LKG with different conditions and updated
"SAR ADC Specification Characteristics" figure.
Document ID
Release date
Description
S32Z27 v.5.0
03 December
2024
• In Static power specifications for I/O Domains
— For both 1.8V and 3.3V Conditions: divided VDD_IO_ETH specifications
into separate VDD_IO_ETH_0 and VDD_IO_ETH_1 specifications
— For 3.3V Condition: divided VDD_HV_IO_D specifications into separate
VDD_HV_IO_D0 and VDD_HV_IO_D1 specifications, and changed Max
from 0.3 mA to 0.5 mA
— Added VDD_HV_IO_D0 and VDD_HV_IO_D1 specifications for 5.0V
Condition
• In Power-up, added step "Ramp up all 1.1V supplies."
• In Aurora PLL, for PER_jitter, in Condition text changed "fPLL_CLKIN =
100MHz" to "fPLL_CLKIN = 40MHz | 100MHz"
• Removed section heading for GTM under "Timer Modules"
• In uSDHC SD3.0/SDIO3.0/eMMC5.1 DDR
— For first fpp specification
◦ In Description, changed "eMMC5.1" to "eMMC high speed"
◦ In Condition, added "3.3V/1.8V"
— For second fpp specification
◦ In Description, changed "SD3.0 DDR" to "SD/SDIO DDR50"
◦ In Condition, added "1.8V"
• In uSDHC eMMC5.1 DDR-HS400
— For fPP: in Condition, added "1.8V"
— Moved footnote about SD6 and SD7 from tRQ and tRQH specifications for
skew (data) to tRQ and tRQH specifications for skew (CMD)
• In uSDHC SD3.0/SDIO3.0/eMMC5.1 SDR
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
116 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com