công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 113 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 113 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 109Page - NXP Semiconductors S32Z2 Datasheet HTML 110Page - NXP Semiconductors S32Z2 Datasheet HTML 111Page - NXP Semiconductors S32Z2 Datasheet HTML 112Page - NXP Semiconductors S32Z2 Datasheet HTML 113Page - NXP Semiconductors S32Z2 Datasheet HTML 114Page - NXP Semiconductors S32Z2 Datasheet HTML 115Page - NXP Semiconductors S32Z2 Datasheet HTML 116Page - NXP Semiconductors S32Z2 Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 138 page
background image
Table 69. JTAG Debug Interface Timing...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tNTDOH
TDO hold time with
respect to falling
edge of TCK 5
1
—
—
ns
—
16
tTDOHZ
TCK low to TDO
high impedance 5
—
—
17.5
ns
—
—
1. Maximum frequency for TCK is limited to 6MHz during BOOTROM startup of the device, when the system clock is the
trimmed 48MHz FIRC.
2. TCK pin must have external pull down.
3. Input timing assumes an input signal slew rate of 3ns (20%/80%).
4. Timing includes TCK pad delay, clock tree delay, logic delay and TDO output pad delay.
5. Output timing valid for maximum external load CL = 25 pF (includes PCB trace, package trace (around 1-2pF) and flash
input load).
TMS/TMSC,
TDI/TDIC
TCK
14
15
12
13
11
16
TDO/TDOC
Figure 69. JTAG debug Interface Timing
14.10.3 SWD electrical specifications
The following table gives the Serial Wire Debug specifications for the device.
The following table describes the SWD electrical characteristics. Measurements are with maximum output load of 30pF, input
transition of 1ns and pad configured SRE[2:0] =100.
Table 70. SWD electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S1
SWD_CLK
frequency
—
—
33
MHz
—
S1
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
113 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com