công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 109 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 109 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 105Page - NXP Semiconductors S32Z2 Datasheet HTML 106Page - NXP Semiconductors S32Z2 Datasheet HTML 107Page - NXP Semiconductors S32Z2 Datasheet HTML 108Page - NXP Semiconductors S32Z2 Datasheet HTML 109Page - NXP Semiconductors S32Z2 Datasheet HTML 110Page - NXP Semiconductors S32Z2 Datasheet HTML 111Page - NXP Semiconductors S32Z2 Datasheet HTML 112Page - NXP Semiconductors S32Z2 Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 138 page
background image
14.8 Glitch Filter
Table 66. Glitch Filter
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TFILT
Glitch filter max
filtered pulse
width 1,2,3,4
—
—
17
ns
—
—
TUNFILT
Glitch filter min
unfiltered pulse
width 1,5,3,4
400
—
—
ns
—
—
1. An input signal pulse is defined by the duration between the input signal's crossing of a Vil/Vih threshold voltage level, and
the next crossing of the opposite level.
2. Pulses shorter than defined by the maximum value are guaranteed to be filtered (not passed).
3. Pulses in between the max filtered and min unfiltered may or may not be passed through.
4. See the device reference manual for which package pins include glitch filters on the pin input.
5. Pulses larger than defined by the minimum value are guaranteed to not be filtered (passed).
14.9 IRQ
The following table gives the input specifications for the external interrupt pins.
tCYC refers to FIRC_CLK.
Table 67. IRQ
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tIPWL
IRQ pulse width low 4
—
—
tCYC
MAXCNT = 3
1
tIPWH
IRQ pulse width high 4
—
—
tCYC
MAXCNT = 3
2
IRQ
1
2
Figure 64. External Interrupt Timing (IRQ)
14.10 Debug
14.10.1 JTAG Boundary Scan
The following table gives the JTAG specifications in boundary scan mode.
The SRE[2:0]=100 is required drive setting to meet the timing.
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
109 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com