công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 115 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 115 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 111Page - NXP Semiconductors S32Z2 Datasheet HTML 112Page - NXP Semiconductors S32Z2 Datasheet HTML 113Page - NXP Semiconductors S32Z2 Datasheet HTML 114Page - NXP Semiconductors S32Z2 Datasheet HTML 115Page - NXP Semiconductors S32Z2 Datasheet HTML 116Page - NXP Semiconductors S32Z2 Datasheet HTML 117Page - NXP Semiconductors S32Z2 Datasheet HTML 118Page - NXP Semiconductors S32Z2 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 138 page
background image
S12
SWD_CLK
SWD_DIO
SWD_DIO
SWD_DIO
Input data valid
Output data valid
S9
S10
S13
S11
Figure 71. SWD Output Data Timing
15 Ballmaps
For package ballmaps and signal descriptions, see the Reference Manual.
16 Packaging
The following table provides the document number for each package drawing.
If you want the drawing for this package
Then use this document number
17 mm x 17 mm 400-ball MAPBGA
98ASA01736D
21 mm x 21 mm 594-ball MAPBGA
98ASA01647D
To find a package drawing, go to http://www.nxp.com and perform a keyword search for the drawing's
document number.
NOTE
17 Revision history
The following tables summarize changes to this document since the release of Rev. 1.
Document ID
Release date
Description
S32Z27 v.6.0
14 May 2025
• In section "Device Power and Operating Current Specifications", added
IVDD_IO_DDR.
• In section "Clock frequency ranges"
— updated description of "fP0_PSI5_125K_CLK" and "fP0_PSI5_189K_CLK",
"fP4_PSI5_125K_CLK" and "fP4_PSI5_189K_CLK".
— updated value of "fP4_PSI5_189K_CLK" from 6.048 to 6.0606 MHz.
• In section "Reset related pad electrical characteristics", updated
VRSE_RESET_B from 460 mV typ to 635 mV max.
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
115 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com