công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 131 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 131 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 127Page - NXP Semiconductors S32Z2 Datasheet HTML 128Page - NXP Semiconductors S32Z2 Datasheet HTML 129Page - NXP Semiconductors S32Z2 Datasheet HTML 130Page - NXP Semiconductors S32Z2 Datasheet HTML 131Page - NXP Semiconductors S32Z2 Datasheet HTML 132Page - NXP Semiconductors S32Z2 Datasheet HTML 133Page - NXP Semiconductors S32Z2 Datasheet HTML 134Page - NXP Semiconductors S32Z2 Datasheet HTML 135Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 138 page
background image
Document ID
Release date
Description
— Added VOL and VOH and new footnote 1
— Removed Note: "VOH/VOL values should be calculated based on the
provided RDSON, IOH/IOL values and IBIS models."
— In "1.8V/3.3V GPIO pad detailed behavior during power up" figure:
Changed "weak pull-down" to "weak pull-down as per ILKG_3318
specification"
— Removed text: "The weak pull-down is 100 Kohm and is separate from the
usual selectable 12Kohm internal pull resistor. If the pad is in 3.3V mode
and the IOMUX sheet defines the 'Pad State During POR reset sequence'
as 'Hi-Z', the 100Kohm pull-down remains engaged until RESET_B is
released."
• In "Clock frequency ranges" section, added text after table: "The stated
maximum operating frequency must be observed when using the PLL with
frequency modulation enabled. Center-spread modulation is supported in cases
where the nominal operating frequency plus half the modulation depth is less
than the stated maximum frequency."
• In "PLL" section:
— Moved text from after table to before table: "Spread spectrum clock
modulation is only available on the Core PLL and DDR reference PLLs."
— In table: Changed Min to 40 MHz for fPLL_CORE_PHI0, fPLL_PER_PHI0,
fPLL_PER_PHI1, fPLL_PER_PHI2, fPLL_PER_PHI3, fPLL_PER_PHI4,
fPLL_PER_PHI5, and fPLL_PER_PHI6
• In "DFS" section:
— In table: Changed Min to 40 MHz for fDFS_CORE_CLK0,
fDFS_CORE_CLK1, fDFS_CORE_CLK2, fDFS_CORE_CLK3,
fDFS_CORE_CLK4, fDFS_CORE_CLK5, fDFS_PER_CLK0,
fDFS_PER_CLK1, fDFS_PER_CLK2, fDFS_PER_CLK3,
fDFS_PER_CLK4, and fDFS_PER_CLK5
— Added PER_Jitter with condition fDFS_CLKIN = 2400 MHz, Odd MFN
• In "SIRC" section:
— For PTA: Changed description from "Post Trim Accuracy" to "Trimming
Resolution"
— For ðfVAR: Changed condition from "Trimmed" to "Frequency variation
across voltage and temperature range after trimming"
• In "uSDHC DDR-HS400" section:
— For "Clock frequency" parameter: Changed symbol from tPP to fPP
— Changed tOD parameter to tOD1 and modified characteristics
— Removed tISU and tIH parameters and added tOD2, tRQ, and tRQH
parameters
• In "SAR ADC" section: For VAD_INPUT, changed VREFL_ADC to VSS_ADC
and VREFH_ADC to VDD_ANA
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
131 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com