| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS08 bảng dữ liệu(PDF) 132 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 bảng dữ liệu(HTML) 132 Page - Motorola, Inc |
|
132 / 290 page ![]() Parallel Input/Output MC9S08GB/GT 132 MOTOROLA Port A pins are available as general-purpose I/O pins controlled by the port A data (PTAD), data direction (PTADD), pullup enable (PTAPE) and slew rate control (PTASE) registers. Refer to 8.4 Parallel I/O Controls for more information about general-pupose I/O control. Port A can be configured to be keyboard interrupt input pins. Refer to the Keyboard Interrupt (KBI) Module section for more information about using port A pins as keyboard interrupts pins. 8.3.2 Port B and Analog to Digital Converter Inputs Figure 8-3 Port B Pin Names Port B is an 8-bit port shared among the ATD inputs and general-purpose I/O. Any pin enabled as ATD inputs will be forced to act as inputs. Port B pins are available as general-purpose I/O pins controlled by the port B data (PTBD), data direction (PTBDD), pullup enable (PTBPE), and slew rate control (PTBSE) registers. Refer to 8.4 Parallel I/O Controls for more information about general-pupose I/O control. When the ATD module is enabled, analog pin enables are used to specify which pins on port B will be used as ATD inputs. Refer to the Analog-to-Digital Converter (ATD) Module section for more information about using port B as a ATD pins. 8.3.3 Port C and SCI2, IIC, and High-Current Drivers Figure 8-4 Port C Pin Names Port C is an 8-bit port which is shared among the SCI2 and IIC modules, and general-purpose I/O. When SCI2 or IIC modules are enabled the pin direction will be controlled by the module or function. Port C has high current output drivers. Port C pins are available as general-purpose I/O pins controlled by the port C data (PTCD), data direction (PTCDD), pullup enable (PTCPE) and slew rate control (PTCSE) registers. Refer to 8.4 Parallel I/O Controls for more information about general-pupose I/O control. When the SCI2 module is enabled, PTC0 serves as the SCI2 module’s transmit pin (TxD2) and PTC1 serves as the receive pin (RxD2). Refer to the Serial Communications Interface (SCI) Module section for more information about using PTC0 and PTC1 as SCI pins Port B Bit 7 654321 Bit 0 MCU Pin: PTB7/ AD7 PTB6/ AD6 PTB5/ AD5 PTB4/ AD4 PTB3/ AD3 PTB2/ AD2 PTB1/ AD1 PTB0/ AD0 Port C Bit 7 653321 Bit 0 MCU Pin: PTC7 PTC6 PTC5 PTC4 PTC3/ SCL PTC2/ SDA PTC1/ RxD2 PTC0/ TxD2 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |