công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 342 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 342 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 338Page - NXP Semiconductors HCS08 Datasheet HTML 339Page - NXP Semiconductors HCS08 Datasheet HTML 340Page - NXP Semiconductors HCS08 Datasheet HTML 341Page - NXP Semiconductors HCS08 Datasheet HTML 342Page - NXP Semiconductors HCS08 Datasheet HTML 343Page - NXP Semiconductors HCS08 Datasheet HTML 344Page - NXP Semiconductors HCS08 Datasheet HTML 345Page - NXP Semiconductors HCS08 Datasheet HTML 346Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 374 page
background image
Development Support
MC9S08JM60 Series Data Sheet, Rev. 5
342
Freescale Semiconductor
18.4.3
DBG Registers and Control Bits
The debug module includes nine bytes of register space for three 16-bit registers and three 8-bit control
and status registers. These registers are located in the high register space of the normal memory map so
they are accessible to normal application programs. These registers are rarely if ever accessed by normal
user application programs with the possible exception of a ROM patching mechanism that uses the
breakpoint logic.
18.4.3.1
Debug Comparator A High Register (DBGCAH)
This register contains compare value bits for the high-order eight bits of comparator A. This register is
forced to 0x00 at reset and can be read at any time or written at any time unless ARM = 1.
18.4.3.2
Debug Comparator A Low Register (DBGCAL)
This register contains compare value bits for the low-order eight bits of comparator A. This register is
forced to 0x00 at reset and can be read at any time or written at any time unless ARM = 1.
18.4.3.3
Debug Comparator B High Register (DBGCBH)
This register contains compare value bits for the high-order eight bits of comparator B. This register is
forced to 0x00 at reset and can be read at any time or written at any time unless ARM = 1.
18.4.3.4
Debug Comparator B Low Register (DBGCBL)
This register contains compare value bits for the low-order eight bits of comparator B. This register is
forced to 0x00 at reset and can be read at any time or written at any time unless ARM = 1.
18.4.3.5
Debug FIFO High Register (DBGFH)
This register provides read-only access to the high-order eight bits of the FIFO. Writes to this register have
no meaning or effect. In the event-only trigger modes, the FIFO only stores data into the low-order byte
of each FIFO word, so this register is not used and will read 0x00.
Reading DBGFH does not cause the FIFO to shift to the next word. When reading 16-bit words out of the
FIFO, read DBGFH before reading DBGFL because reading DBGFL causes the FIFO to advance to the
next word of information.
Table 18-3. SBDFR Register Field Description
Field
Description
0
BDFR
Background Debug Force Reset — A serial active background mode command such as WRITE_BYTE allows
an external debug host to force a target system reset. Writing 1 to this bit forces an MCU reset. This bit cannot
be written from a user program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com