công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 219 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 219 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 215Page - Motorola, Inc HCS08 Datasheet HTML 216Page - Motorola, Inc HCS08 Datasheet HTML 217Page - Motorola, Inc HCS08 Datasheet HTML 218Page - Motorola, Inc HCS08 Datasheet HTML 219Page - Motorola, Inc HCS08 Datasheet HTML 220Page - Motorola, Inc HCS08 Datasheet HTML 221Page - Motorola, Inc HCS08 Datasheet HTML 222Page - Motorola, Inc HCS08 Datasheet HTML 223Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
219
MC9S08GB/GT
BUSY — Bus Busy
The BUSY bit indicates the status of the bus regardless of slave or master mode. The BUSY bit is set
when a START signal is detected and cleared when a STOP signal is detected.
1 = Bus is busy.
0 = Bus is idle.
ARBL — Arbitration Lost
This bit is set by hardware when the arbitration procedure is lost. The ARBL bit must be cleared by
software, by writing a one to it.
1 = Loss of arbitration.
0 = Standard bus operation.
SRW — Slave Read/Write
When addressed as a slave the SRW bit indicates the value of the R/W command bit of the calling
address sent to the master.
1 = Slave transmit, master reading from slave.
0 = Slave receive, master writing to slave.
IICIF — IIC Interrupt Flag
The IICIF bit is set when an interrupt is pending. This bit must be cleared by software, by writing a
one to it in the interrupt routine. One of the following events can set the IICIF bit:
•
One byte transfer completes
•
Match of slave address to calling address
•
Arbitration lost
1 = Interrupt pending.
0 = No interrupt pending.
RXAK — Receive Acknowledge
When the RXAK bit is low, it indicates an acknowledge signal has been received after the completion
of one byte of data transmission on the bus. If the RXAK bit is high it means that no acknowledge
signal is detected.
1 = No acknowledge received.
0 = Acknowledge received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com