công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 215 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 215 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 211Page - Motorola, Inc HCS08 Datasheet HTML 212Page - Motorola, Inc HCS08 Datasheet HTML 213Page - Motorola, Inc HCS08 Datasheet HTML 214Page - Motorola, Inc HCS08 Datasheet HTML 215Page - Motorola, Inc HCS08 Datasheet HTML 216Page - Motorola, Inc HCS08 Datasheet HTML 217Page - Motorola, Inc HCS08 Datasheet HTML 218Page - Motorola, Inc HCS08 Datasheet HTML 219Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
215
MC9S08GB/GT
13.5.2 IIC Frequency Divider Register (IICF)
Figure 13-6 IIC Frequency Divider Register (IICF)
MULT — IIC Multiplier Factor
The MULT bits define the multiplier factor mul. This factor is used along with the SCL divider to
generate the IIC baud rate. Table 13-2 provides the multiplier factor mul as defined by the MULT bits.
ICR — IIC Clock Rate
The ICR bits are used to prescale the bus clock for bit rate selection. These bits are used to define the
SCL divider and the SDA hold value. The SCL divider multiplied by the value provided by the MULT
register (multiplier factor mul) is used to generate IIC baud rate.
IIC baud rate = bus speed (Hz)/(mul * SCL divider)
SDA hold time is the delay from the falling edge of the SCL (IIC clock) to the changing of SDA (IIC
data). The ICR is used to determine the SDA hold value.
SDA hold time = bus period (s) * SDA hold value
Table 13-3 provides the SCL divider and SDA hold values for corresponding values of the ICR. These
values can be used to set IIC baud rate and SDA hold time. For example:
Bus speed = 8 MHz
MULT is set to 01 (mul = 2)
Desired IIC baud rate = 100 kbps
IIC baud rate = bus speed (Hz)/(mul * SCL divider)
100000 = 8000000/(2*SCL divider)
SCL divider = 40
Table 13-3 shows that ICR must be set to 0B to provide an SCL divider of 40 and that this will result
in an SDA hold value of 9.
SDA hold time = bus period (s) * SDA hold value
SDA hold time = 1/8000000 * 9 = 1.125
µs
Bit 7
654321
Bit 0
Read:
MULT
ICR
Write:
Reset:
00000000
Table 13-2 Multiplier Factor
MULT
mul
00
01
01
02
10
04
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com