| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS08 bảng dữ liệu(PDF) 155 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 bảng dữ liệu(HTML) 155 Page - Motorola, Inc |
|
155 / 290 page ![]() Data Sheet — MC9S08GB60/D V1.5 MOTOROLA 155 MC9S08GB/GT Section 10 Timer/PWM (TPM) Module 10.1 Introduction The MC9S08GB/GT includes two independent timer/PWM (TPM) modules which support traditional input capture, output compare, or buffered edge-aligned pulse-width modulation (PWM) on each channel. A control bit in each TPM configures all channels in that timer to operate as center-aligned PWM functions. In each of these two TPMs, timing functions are based on a separate 16-bit counter with prescaler and modulo features to control frequency and range (period between overflows) of the time reference. This timing system is ideally suited for a wide range of control applications, and the center-aligned PWM capability on the 3-channel TPM extends the field of applications to motor control in small appliances. The fixed system clock XCLK is normally the oscillator rate divided by two (ICGERCLK/2). If the PLL or FLL is engaged and locked, and the bus rate (BUSCLK) is not at least two times the ICGERCLK frequency, XCLK equals BUSCLK instead of ICGERCLK/2. 10.2 Features The timer system in the MC9S08GBxx includes a 3-channel TPM1 and a separate 5-channel TPM2; the timer system in the MC9S08GTxx includes two 2-channel modules, TPM1 and TPM2. Timer system features include: • A total of eight channels: – Each channel may be input capture, output compare, or buffered edge-aligned PWM – Rising-edge, falling-edge, or any-edge input capture trigger – Set, clear, or toggle output compare action – Selectable polarity on PWM outputs • Each TPM may be configured for buffered, center-aligned pulse-width modulation (CPWM) on all channels • Clock source to prescaler for each TPM is independently selectable as bus clock, fixed system clock, or an external pin: – Prescale taps for divide by 1, 2, 4, 8, 16, 32, 64, or 128 – Fixed system clock (XCLK) and pin paths are synchronized – External clocks shared with TPMxCH0 timer channel pins • 16-bit free-running or up/down (CPWM) count operation • 16-bit modulus register to control counter range • Timer system enable • One interrupt per channel plus terminal count interrupt |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |