công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 153 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 153 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 149Page - Motorola, Inc HCS08 Datasheet HTML 150Page - Motorola, Inc HCS08 Datasheet HTML 151Page - Motorola, Inc HCS08 Datasheet HTML 152Page - Motorola, Inc HCS08 Datasheet HTML 153Page - Motorola, Inc HCS08 Datasheet HTML 154Page - Motorola, Inc HCS08 Datasheet HTML 155Page - Motorola, Inc HCS08 Datasheet HTML 156Page - Motorola, Inc HCS08 Datasheet HTML 157Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
153
MC9S08GB/GT
KBEDGn — Keyboard Edge Select for KBI Port Bit n (n = 7–4)
Each of these read/write bits selects the polarity of the edges and/or levels that are recognized as trigger
events on the corresponding KBI port pin when it is configured as a keyboard interrupt input
(KBIPEn = 1). Also see the KBIMOD control bit which determines whether the pin is sensitive to
edges-only or edges and levels.
1 = Rising edges/high levels.
0 = Falling edges/low levels.
KBF — Keyboard Interrupt Flag
This read-only status flag is set whenever the selected edge event has been detected on any of the
enabled KBI port pins. This flag is cleared by writing a logic 1 to the KBACK control bit. The flag will
remain set if KBIMOD = 1 to select edge-and-level operation and any enabled KBI port pin remains
at the asserted level.
1 = KBI interrupt pending.
0 = No KBI interrupt pending.
KBF can be used as a software pollable flag (KBIE = 0) or it can generate a hardware interrupt request
to the CPU (KBIE = 1).
KBACK — Keyboard Interrupt Acknowledge
This write-only bit (reads always return 0) is used to clear the KBF status flag by writing a logic 1 to
KBACK. When KBIMOD = 1 to select edge-and-level operation and any enabled KBI port pin
remains at the asserted level, KBF is being continuously set so writing 1 to KBACK does not clear the
KBF flag.
KBIE — Keyboard Interrupt Enable
This read/write control bit determines whether hardware interrupts are generated when the KBF status
flag equals 1. When KBIE = 0, no hardware interrupts are generated, but KBF can still be used for
software polling.
1 = KBI hardware interrupt requested when KBF = 1.
0 = KBF does not generate hardware interrupts (use polling).
KBIMOD — Keyboard Detection Mode
This read/write control bit selects either edge-only detection or edge-and-level detection. KBI port bits
3 through 0 can detect falling edges-only or falling edges and low levels.
KBI port bits 7 through 4 can be configured to detect either:
•
Rising edges-only or rising edges and high levels (KBEDGn = 1)
•
Falling edges-only or falling edges and low levels (KBEDGn = 0)
1 = Edge-and-level detection.
0 = Edge-only detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com