| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS08 bảng dữ liệu(PDF) 173 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 bảng dữ liệu(HTML) 173 Page - NXP Semiconductors |
|
173 / 374 page ![]() MC9S08JM60 Series Data Sheet, Rev. 5 Freescale Semiconductor 173 After a repeated start condition (Sr), all other slave devices also compare the first seven bits of the first byte of the slave address with their own addresses and test the eighth (R/W) bit. However, none of them are addressed because R/W = 1 (for 10-bit devices) or the 11110XX slave address (for 7-bit devices) does not match. After the master-receiver has sent the first byte of the 10-bit address, the slave-transmitter sees an IIC interrupt. Software must ensure the contents of IICD are ignored and not treated as valid data for this interrupt. 11.4.3 General Call Address General calls can be requested in 7-bit address or 10-bit address. If the GCAEN bit is set, the IIC matches the general call address as well as its own slave address. When the IIC responds to a general call, it acts as a slave-receiver and the IAAS bit is set after the address cycle. Software must read the IICD register after the first byte transfer to determine whether the address matches is its own slave address or a general call. If the value is 00, the match is a general call. If the GCAEN bit is clear, the IIC ignores any data supplied from a general call address by not issuing an acknowledgement. 11.5 Resets The IIC is disabled after reset. The IIC cannot cause an MCU reset. 11.6 Interrupts The IIC generates a single interrupt. An interrupt from the IIC is generated when any of the events in Table 11-11 occur, provided the IICIE bit is set. The interrupt is driven by bit IICIF (of the IIC status register) and masked with bit IICIE (of the IIC control register). The IICIF bit must be cleared by software by writing a 1 to it in the interrupt routine. You can determine the interrupt type by reading the status register. 11.6.1 Byte Transfer Interrupt The TCF (transfer complete flag) bit is set at the falling edge of the ninth clock to indicate the completion of byte transfer. S Slave Address 1st 7 bits R/W A1 Slave Address 2nd byte A2 Sr Slave Address 1st 7 bits R/W A3 Data A ... Data A P 11110 + AD10 + AD9 0 AD[8:1] 11110 + AD10 + AD9 1 Table 11-10. Master-Receiver Addresses a Slave-Transmitter with a 10-bit Address Table 11-11. Interrupt Summary Interrupt Source Status Flag Local Enable Complete 1-byte transfer TCF IICIF IICIE Match of received calling address IAAS IICIF IICIE Arbitration Lost ARBL IICIF IICIE |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |