| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP88CU74F bảng dữ liệu(PDF) 32 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP88CU74F bảng dữ liệu(HTML) 32 Page - Toshiba Semiconductor |
|
32 / 132 page ![]() TMP88CU74 2003-02-17 88CU74-32 The following method is used to save/restore the general-purpose registers. 1. General-purpose register save/restore by automatic register bank changeover The general-purpose registers can be saved at high-speed by switching to a register bank that is not in use. Normally, the bank 0 is used for the main task and the banks 1 to 15 are assigned to interrupt service tasks. To increase the efficiency of data memory utilization, the same bank is assigned for interrupt sources which are not nested. The switched bank is automatically restored by executing an interrupt return instruction [RETI] or [RETN]. Therefore, it is not necessary for a program to save the RBS. Example: Register bank changeover PINTxx: Interrupt processing RETI VINTxx: DP PINTxx DB 1 ; RBS ← RBS + 1 2. General-purpose register save/restore by register bank changeover The general-purpose registers can be saved at high-speed by switching to a register bank that is not in use. Normally, the bank 0 is used for the main task and the banks 1 to 15 are assigned to interrupt service tasks. Example: Register bank changeover PINTxx: LD RBS, n Interrupt processing RETI ; Restores bank and Returns VINTxx: DP PINTxx ; Interrupt service routine entry address DB 0 3. General-purpose registers save/restore using push and pop instructions To save only a specific register, and when the same interrupt source occurs more than once, the general-purpose registers can be saved/restored using the push/pop instructions. Example: Register save/restore using push and pop instructions PINTxx: PUSH WA ; Save WA register pair Interrupt processing POP WA ; Restore WA register pair RETI ; Return 2007-10-19 |