công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 78 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 78 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 74Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 75Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 76Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 77Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 78Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 79Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 80Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 81Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 82Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-78
2.9.2
Control
The timer/counter 4 is controlled by a timer/counter 4 control register (TC4CR) and an
8-bit timer register 4 (TREG4). Reset does not affect TREG4.
7
6
5
4
3
2
1
0
TREG4
(0001BH)
Write only
7
6
5
4
3
2
1
0
TC4CR
(0001CH)
TFF4
“0”
TC4S
TC4CK
TC4M
(Initial value: 00
*0 0000 )
TC4M
TC4 operating mode select
00: Timer
01: Reserved
10: Programmable divider output (PDO) mode
11: Pulse width modulation (PWM) output mode
NORMAL1/2, IDLE1/2 mode
DV7CK
= 0
DV7CK
= 1
DV1CK
= 0 DV1CK = 1 DV1CK = 0 DV1CK = 1
SLOW,
SLEEP
mode
00
fc/2
11
fc/2
12
fs/2
3
fs/2
3
fs/2
3
01
fc/2
7
fc/2
8
fc/2
7
fc/2
8
⎯
10
fc/2
3
fc/2
4
fc/2
3
fc/2
4
⎯
TC4CK
TC4 source clock select [Hz]
11
Reserved
TC4S
TC4 start control
0: Stop and counter clear
1: Start
TFF4
Timer F/F4 control
00: Clear
01: Reserved
10: Reserved
11:
⎯ (Note 3)
Write
only
Note 1: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz],
*: Don’t care
Note 2: Set the operating mode, the source clock selection, the edge selection (INT4ES) and timer F/F4 control when
the TC4 stops (TC4S = 0)
Note 3: Set TFF4 to “11” in the timer and event counter mode and PWM mode.
Note 4: Values to be loaded to the timer register must satisfy the following condition.
0<TREG4 in others
Note 5: TC4CR is a write-only register and must not be used with any of the read-modify-write instructions such as SET,
CLR, etc.
Figure 2.9.2 Timer Register 4 and TC4 Control Register
2.9.3
Function
The timer/counter 4 has four operating modes: timer, event counter, programmable
divider output, and PWM output mode.
(1) Timer mode
In this mode, the internal clock is used for counting up. The contents of TREG4 are
compared with the contents of up-counter. If a match is found, an INTTC4 interrupt is
generated and the up-counter is cleared to “0”. Counting up resumes after the
up-counter is cleared.
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com