công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 61 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 61 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 57Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 58Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 59Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 60Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 61Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 62Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 63Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 64Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 132 page
background image
88CU74-61
TMP88CU74
2007-10-19
2.6.2 Control
The timer/counter 1 is controlled by a timer/counter 1 control register (TC1CR) and two
16-bit timer registers (TREG1A and TREG1B). Reset does not affect TREG1A and
TREG1B.
Note 1: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz]
Note 2: Writing to the lower byte of the timer registers (TREG1AL, TREG1BL), the comparison is inhibited until the upper
byte(TREG1AH, TREG1BH) is written. Only the lower byte of the timer registers can not be changed. After
writing to the upper byte, any match during 1 machine cycle (instruction execution cycle) is ignored.
Note 3: Set the mode, source clock, edge (including INT2ES), PPG control and timer F/F control when TC1 stops
(TC1S = 00).
Note 4: Software capture can be used in only timer and event counter modes. SCAP1 is automatically cleared to “0” after
capturing.
Note 5: Values to be loaded to timer registers must satisfy the following condition.
TREG1A>TREG1B>0(PPG output mode), TREG1A>0 (others)
Note 6: Always write “0” to TFF1 except PPG output mode.
Note 7: TC1CR and TREG1A are write-only registers and must not be used with any of the read-modify-write instructions
such as SET, CLR, etc.
Note 8: Writing to the TREG1B is not possible unless TC1 is set to the PPG output mode.
Note 9: Please use the auto-capture function in the operative condition of TC1.
A captured value may not be fixed if it's read after the execution of the timer stop or auto-capture
disable. Please read the capture value in a capture enabled condition.
Note 10:Since the up-counter value is captured into TC1DRB by the source clock of up-counter after
setting TC1CR<ACAP1> to “1”. Therefore, wait at least one cycle of the internal source clock
before reading TC1DRB for the first time.
Figure 2.6.2 Timer Registers and TC1 Control Register
TREG1A
15
14
13
12
11
10
9
8
7
6
54
32
10
(00010, 00011H)
TREG1AH (00011H)
TREG1AL (00010H)
Write only
TREG1B
(00012, 00013H)
TREG1BH (00013H)
TREG1BL (00012H)
Read/Write (Writing is capable only when PPG output mode)
7
6
5
4
3
2
1
0
TC1CR
(00014H)
TFF1
SCAP1
MCAP1
METT1
MPPG1
TC1S
TC1CK
TC1M
(Initial value: 0000 0000 )
TC1M
TC1 operating mode select
00: Timer/external trigger timer/event counter mode
01: Window mode
10: Pulse width measurement mode
11: PPG (Programmable pulse generate) output mode
TC1CK TC1 source clock select [Hz]
NORMAL1/2, IDLE1/2 mode
SLOW,
SLEEP
mode
DV7CK = 0
DV7CK = 1
DV1CK = 0
DV1CK = 1
DV1CK = 0
DV1CK = 1
00
fc/211
fc/212
fs/23
fs/23
fs/23
01
fc/27
fc/28
fc/27
fc/28
10
fc/23
fc/24
fc/23
fc/24
11
External clock (TC1 pin input)
Write
only
TC1S
TC1 start control
00: Stop and counter clear
01: Command start
10: Reserved
11: External trigger start
SCAP1 Software capture control
0:
1: Software capture trigger
MCAP1
Pulse width measurement
mode control
0: Double edge capture
1: Single edge capture
METT1
External trigger timer mode
control
0: Trigger start
1: Trigger start & stop
MPPG1 PPG output control
0: Pulse
1: Single
TFF1
Time F/F1 control for PPG
output mode
0: Clear
1: Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com