công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 12 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 12 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 8Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 9Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 10Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 11Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 12Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 13Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 14Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 15Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-12
1.
NORMAL1 mode
In this mode, both the CPU core and on-chip peripherals operate using the
high-frequency clock. The TMP88CU74 is placed in this mode after reset.
2.
IDLE1 mode
In this mode, the internal oscillation circuit remains active. The CPU and the
watchdog timer are halted; however on-chip peripherals remain active (operate
using the high-frequency clock). IDLE1 mode is started by the system control
register 2 (SYSCR2), and IDLE1 mode is released to NORMAL1 mode by an
interrupt request from the on-chip peripherals or external interrupt inputs. When
the IMF (interrupt master enable flag) is “1” (interrupt enable), the execution will
resume with the acceptance of the interrupt, and the operation will return to
normal after the interrupt service is completed. When the IMF is “0” (interrupt
disable), the execution will resume with the instruction which follows the IDLE1
mode start instruction.
3.
STOP1 mode
In this mode, the internal oscillation circuit is turned off, causing all system
operations to be halted. The internal status immediately prior to the halt is held
with a lowest power consumption during STOP1 mode.
STOP1 mode is started by the system control register 1 (SYSCR1), and STOP1
mode is released by an inputting (either level-sensitive or edge-sensitive can be
programmably selected) to the STOP pin. After the warming-up period is
completed, the execution resumes with the instruction which follows the STOP1
mode start instruction.
(2) Dual-clock mode
Both the high-frequency and low-frequency oscillation circuits are used in this mode.
P21 (XTIN) and P22 (XTOUT) pins cannot be used as input/output ports. The main
system clock is obtained from the high-frequency clock in NORMAL2 and IDLE2
modes, and is obtained from the low-frequency clock in SLOW and SLEEP modes. The
machine cycle time is 4/fc [s] in the NORMAL2 and IDLE2 modes, and 4/fs [s] (122
μs
at fs = 32.8 kHz) in the SLOW and SLEEP modes.
The TLCS-870/X is placed in the signal-clock mode during reset. To use the
dual-clock mode, the low-frequency oscillator should be turned on by executing [SET
(SYSCR2), XTEN] instruction.
1.
NORMAL2 mode
In this mode, the CPU core operates using the high-frequency clock. On-chip
peripherals operate using the high-frequency clock and/or low-frequency clock.
2.
SLOW mode
This mode can be used to reduce power-consumption by turning off oscillation of
the high-frequency clock. The CPU core and on-chip peripherals operate using the
low-frequency clock.
Switching back and forth between NORMAL2 and SLOW modes are performed
by the system control register 2 (SYSCR2).
3.
IDLE2 mode
In this mode, the internal oscillation circuit remain active. The CPU and the
watchdog timer are halted; however, on-chip peripherals remain active (operate
using the high-frequency clock and/or the low-frequency clock). Starting and
releasing of IDLE2 mode are the same as for IDLE1 mode, except that operation
returns to NORMAL2 mode.
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com