công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 76 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 76 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 72Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 73Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 74Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 75Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 76Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 77Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 78Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 79Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 80Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-76
(3) Capture mode
The pulse width, period and duty of the TC3 pin input are measured in this mode,
which can be used in decoding the remote control signals or distinguishing AC 50/60
Hz, etc. The counter is free running by the internal clock. On the rising (falling) edge of
the TC3 pin input, the current contents of counter is loaded into TREG3A, then the
up-counter is cleared to “0” and an INTTC4 interrupt is generated. On the falling
(rising) edge of the TC3 pin input, the current contents of the counter is loaded into
TREG3B. In this case, counting continues. On the next rising (falling) edge of the TC3
pin input, the current contents of counter are loaded into TREG3A, then the counter is
cleared again and an interrupt is generated. If the counter overflows before the edge is
detected. FFH is set into TREG3A, and the counter is cleared and an INTTC3 interrupt
is generated. During interrupt processing, it can be determined whether or not there is
an overflow by checking whether or not the TREG3A value is FFH. Also, after an
interrupt (capture to TREG3A, or overflow detection) is generated, capture and
overflow detection are halted until TREG3A has been read out; however, the counter
continues. As reading out TREG3A resumes capture/overflow detection, TREG3B must
be beforehand read out.
Figure 2.8.3 Capture Mode Timing Chart (at INT4ES
= 0)
m
−1
Source clock
Up-counter
TC3 pin input
TREG3A
k
− 2
n
m
m
+1
n
−1
0
n
1
2
3
0
Overflow
FF (Overflow)
k
−1 k 0
1
1
2
3
FE FF
m
k
FE
Capture
Capture
TREG3B
INTTC3 interrupt
Reading TREG3A
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com