công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 29 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 29 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 25Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 26Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 27Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 28Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 29Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 30Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 31Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 32Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-29
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IL
(0003C, 0003DH)
IL15
IL14
IL13
IL12
IL11
IL10
IL9
IL8
IL7
IL6
IL5
IL4
IL3
IL2
(Initial Value: 00000000 000000
**)
EF15 EF14 EF13 EF12 EF11 EF10
EF9
EF8
EF7
EF6
EF5
EF4
IMF
EIR
(0003A, 0003BH)
(Initial Value: 00000000 0000
***0)
Note 1: Do not use any read-modify-write instruction such as bit manipulation for clearing IL.
Note 2: Do not set IMF to “1” during non-maskable interrupt service program.
Note 3: Bits1 and 0 in ILL are read in as undefined data when a read instruction is executed.
Note 4:
*: Don’ t care
Figure 1.5.2 Interrupt latch (IL) and interrupt enable register (EIR)
1.5.1
Interrupt Sequence
An interrupt request is held until the interrupt is accepted or the interrupt latch is
cleared to “0” by a reset or an instruction. Interrupt acceptance sequence requires 12
machine cycles (3.84
μs at fc = 12.5 MHz in the NORMAL mode) after the completion of the
current instruction execution. The interrupt service task terminates upon execution of an
interrupt return instruction [RETI] (for maskable interrupts) or [RETN] (for pseudo
non-maskable interrupts). Figure 1.5.3 shows the timing chart of interrupt acceptance
processing.
(1) Interrupt acceptance
Interrupt acceptance processing is as follows.
1.
The interrupt master enable flag (IMF) is cleared to “0” to temporarily disable the
acceptance of any following maskable interrupts. When a non-maskable interrupt
is accepted, the acceptance of any following interrupts is temporarily disabled.
2.
The interrupt latch (IL) for the interrupt source accepted is cleared to “0”.
3.
The contents of the program counter (return address) and the program status
word (PSW) are saved (pushed) on the stack in sequence of PSWH, PSWL, PCE,
PCH, PCL. The stack pointer (SP) is decremented five times.
4.
The entry address of the interrupt service program is read from the vector table,
and set to the program counter.
5.
The RBS control code is read from the vector table. The lower 4-bit of this code is
added to the RBS.
6.
The instruction stored at the entry address of the interrupt service program is
executed.
ILH (0003DH)
ILL (0003CH)
EIRL (0003AH)
EIRH (0003BH)
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com