| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP88CU74F bảng dữ liệu(PDF) 56 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP88CU74F bảng dữ liệu(HTML) 56 Page - Toshiba Semiconductor |
|
56 / 132 page ![]() TMP88CU74 2003-02-17 88CU74-56 2.4.2 Watchdog Timer Control Figure 2.4.2 shows the watchdog timer control registers (WDTCR1, WDTCR2). The watchdog timer is automatically enabled after reset. (1) Malfunction detection methods using the watchdog timer The CPU malfunction is detected at follows. 1. Setting the detection time, selecting output, and clearing the binary counter. 2. Repeatedly clearing the binary counter within the setting detection time If the CPU malfunctions such as endless looping or deadlock occur for any cause, the watchdog timer output will become active at the rising of an overflow from the binary counters unless the binary counters are cleared. At this time, when WDTOUT = 1 a reset is generated, which drives the RESET pin low to reset the internal hardware and the external circuit. When WDTOUT = 0, a watchdog timer interrupt(INTWDT) is generated. The watchdog timer temporarily stops counting in STOP mode including warm-up or IDLE mode, and automatically restarts (continues counting) when the STOP/IDLE mode is released. Note: Just right before disabling the watchdog timer, disable the acceptance of interrupts (DI) and clear the watchdog timer. If the watchdog timer is disabled under conditions other than the above, the proper operation cannnot be guaranteed. Example: DI ; Disable interrupt acceptance. LD (WDTCR2), 4EH ; Clears the watchdog timer. LDW (WDTCR1), B100H ; Disables the watchdog timer. EI ; Enables interrupt acceptance. Example: Sets the watchdog timer detection time to 2 21/fc [s] and resets the CPU malfunction. LD (WDTCR2), 4EH ; Clears the binary counters LD (WDTCR1), 00001101B ; WDTT ← 10, WDTOUT ← 1 Within WDT detection time LD (WDTCR2), 4EH ; Clears the binary counters (always clear immediately after changing WDTT) LD (WDTCR2), 4EH ; Clears the binary counters Within WDT detection time LD (WDTCR2), 4EH ; Clears the binary counters 2007-10-19 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |