công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 94 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 94 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 90Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 91Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 92Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 93Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 94Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 95Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 96Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 97Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 98Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-94
Table 2.10.1 Operation in the Slave Mode
TRX
AL
AAS
AD0
Conditions
Process
1
1
0
The TMP88CU74 loses arbitration when
transmitting a slave address and receives a slave
address of which the value of the direction bit sent
from another master is “1”.
1
0
In the slave receiver mode, the TMP88CU74
receives a slave address of which the value of the
direction bit sent from the master is “1”.
Set the number of bits in 1 word to the
BC and write transmitted data to the
SBIDBR.
1
0
0
0
In the slave transmitter mode, 1-word data is
transmitted.
Check the LRB. If the LRB is set to
“1”, set the PIN to “1” since the
receiver does not request next data.
Then, clear the TRX to “0” release the
bus. If the LRB is cleared to “0”, set
the number of bits in a word to the BC
and write transmitted data to the
SBIDBR since the receiver requests
next data.
0
1/0
The TMP88CU74 loses arbitration when
transmitting a slave address and receives a slave
address or GENERAL CALL of which the value of
the direction bit sent from another master is “0”.
1
0
0
The TMP88CU74 loses arbitration when
transmitting a slave address or data and terminates
transferring word data.
1
1/0
In the slave receiver mode, the TMP88CU74
receives a slave address or GENERAL CALL of
which the value of the direction bit sent from the
master is “0”.
Read the SBIDBR for setting the PIN
to “1” (reading dummy data) or write
“1” to the PIN.
0
0
0
1/0
In the slave receiver mode, the TMP88CU74
terminates receiving of 1-word data.
Set the number of bits in a word to the
BC and read received data from the
SBIDBR.
(4) Stop condition generation
When the BB is “1”, a sequence of generating a stop condition is started by writing
“1” to the MST, TRX, and PIN, and “0” to the BB. Do not modify the contents of the
MST, TRX, BB, PIN until a stop condition is generated on a bus.
Figure 2.10.15 Stop Condition Generation
“1” →MST
“1” →TRX
“0” →BB
“1” →PIN
SCL pin
Stop condition
SDA pin
BB (Read)
PIN
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com